| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VOL-PCC-B bảng dữ liệu(PDF) 39 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
VOL-PCC-B bảng dữ liệu(HTML) 39 Page - 3M Electronics |
|
39 / 62 page ![]() 1 37 Type/Order Text Ref.-No. VF-45™ Socket 1.2 Fibre Cabling 1.2.1 Volition™ VF-45™ Socket/Field Mount Plug Description The Volition socket is part of the latest duplex, small form factor fibre optic interconnect. Applications include affordable, high band- width systems, fibre-to-the-desk networks, fibre backbone systems, fibre LANs and storage area networks. The VF-45 plug and socket work like an 8-pin modular jack, brin- ging the simplicity of the RJ45 jack to optical fibre applications. Highlights: •Simple installation using an unique termination process • No expensive ceramic parts • Footprint dimensions of a RJ45 copper connector •High density of duplex connections •Integral dust protection VF-45 Socket, Multimode VOL-0001 including fibre holder PU: 96 Units, MOQ:1 PU VF-45 Socket, Single-mode VOL-0002 including fibre holder PU: 96 Units, MOQ: 1 PU Fibreholder for VF-45 Socket, VOL-0011 Multimode and Single-mode Spare Part for VOL-0001 and VOL-0002 PU: 24 Units, MOQ: 4 PU VF-45 Field Mount Plug VOL-FMP612 62,5/125µm, PU: 12 pcs VF-45 Field Mount Plug VOL-FMP512 50/125µm, PU: 12 pcs VF-45 Field Mount Plug Activation Tool VOL-0563A PU: 1 pc |