| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VOL-PCC-R bảng dữ liệu(PDF) 19 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
VOL-PCC-R bảng dữ liệu(HTML) 19 Page - 3M Electronics |
|
19 / 62 page ![]() 1 Volition™ Flush mounted Socket, 2 ports, central fixing, shielded 60-516-07700 Qmax III, RAL1013, beige Volition™ Flush mounted Socket, 2 ports, central fixing, shielded 60-516-07725 Qmax III, RAL9010, white Volition™ Flush mounted Socket, 2 ports, shielded 60-516-07800 Qmax III, RAL1013, beige Volition™ Flush mounted Socket, 2 ports, shielded 60-516-07825 Qmax III, RAL9010, white VolitionTM Flush mounted Socket, 2 ports, central fixing 60-516-08200 Qmax III, RAL1013, beige VolitionTM Flush mounted Socket, 2 ports, central fixing 60-516-08225 Qmax III, RAL9010, white VolitionTM Flush mounted Socket, 2 ports 60-516-08300 Qmax III, RAL1013, beige VolitionTM Flush mounted Socket, 2 ports 60-516-08325 Qmax III, RAL9010, white 17 1.1 Copper Cabling 1.1.2 Volition™ RJ45 Faceplates and Sockets Description Type/Order Text Ref.-No. Socket and Faceplates Volition™German Socket Kit, Cat 5e, PU: 10 pcs/box, MOQ: 10 boxes Delivery: 1 plastic front and 2x RJ45 ports with shutters for dust protection Volition™ German Faceplates, Giga, PU: 20 pcs, MOQ: 20 boxes Flush mounted, faceplates 50x50 mm for 2x RJ45 Giga Jacks The Giga faceplate enables Giga Jacks to be used with wall adapters and can work in flush mount or surface mount applica- tions. The faceplates are available in different formats to suit local requirements (German, American, UK, Swiss), in either 2 or 4 ports. They are available in two colours (RAL1013, RAL9010) and are complete with a label holder and port icons for detailed port identi- fication. Volition™ German Flush mounted 50x50 Faceplate, 2 ports, 60-516-04600 Giga, RAL1013, beige Volition™ German Flush mounted 50x50 Faceplate, 2 ports, 60-516-04625 Giga, RAL9010, white German Format |