công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APTGF10X60BTP2 bảng dữ liệu(PDF) 4 Page - Advanced Power Technology

tên linh kiện APTGF10X60BTP2
Giải thích chi tiết về linh kiện  Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADPOW [Advanced Power Technology]
Trang chủ  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF10X60BTP2 bảng dữ liệu(HTML) 4 Page - Advanced Power Technology

  APTGF10X60BTP2 Datasheet HTML 1Page - Advanced Power Technology APTGF10X60BTP2 Datasheet HTML 2Page - Advanced Power Technology APTGF10X60BTP2 Datasheet HTML 3Page - Advanced Power Technology APTGF10X60BTP2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APTGF10X60RTP2
APTGF10X60BTP2
APT website – http://www.advancedpower.com
4 - 4
4. Package outline
PIN 1
PIN 24
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4