công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMIS-30624 bảng dữ liệu(PDF) 29 Page - AMI SEMICONDUCTOR

tên linh kiện AMIS-30624
Giải thích chi tiết về linh kiện  I2C Microstepping Motordriver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMI [AMI SEMICONDUCTOR]
Trang chủ  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30624 bảng dữ liệu(HTML) 29 Page - AMI SEMICONDUCTOR

Back Button AMIS-30624 Datasheet HTML 25Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 26Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 27Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 28Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 29Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 30Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 31Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 32Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 33Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AMIS-30624 I
2C Microstepping Motordriver
Data Sheet
15.2.8. RAM Registers
Table 18: RAM Registers
Register
Mnemonic
Length
(Bit)
Related Commands
Comment
Reset State
Actual position
ActPos
16
GetFullStatus2
GotoSecurePos
ResetPosition
16-bit signed
Last programmed
position
Pos/
TagPos
16
GetFullStatus2
GotoSecurePos
ResetPosition
SetPosition
16-bit signed
(see Positioning)
Note 1
Acceleration shape
AccShape
1
GetFullStatus1
ResetToDefault
1
SetMotorParam
‘0’
⇒ normal acceleration from Vmin to Vmax
‘1’
⇒ motion at Vmin without acceleration
‘0’
Coil peak current
Irun
4
GetFullStatus1
ResetToDefault
1
SetMotorParam
Operating current
See look-up table Irun
Coil hold current
Ihold
4
GetFullStatus1
ResetToDefault
1
SetMotorParam
Standstill current
See look-up table Ihold
Minimum velocity
Vmin
4
GetFullStatus1
ResetToDefault
1
SetMotorParam
See Section 13.3 Minimum Velocity
See look-up table Vmin
Maximum velocity
Vmax
4
GetFullStatus1
ResetToDefault
1
SetMotorParam
See Section 13.2 Maximum Velocity
See look-up table Vmax
Shaft
Shaft
1
GetFullStatus1
ResetToDefault
1
SetMotorParam
Direction of movement
for positive velocity
Acceleration/
deceleration
Acc
4
GetFullStatus1
ResetToDefault
1
SetMotorParam
See Section 13.4 Acceleration
See look-up table Acc
Secure position
SecPos
11
GetFullStatus2
ResetToDefault
1
SetMotorParam
Target position when LIN connection fails; 11
MSBs of 16-bit position (LSBs fixed to ‘0’)
Stepping mode
StepMode
2
GetFullStatus1
SetStallParam
See Section 13.1 Stepping Modes
See look-up table StepMode
Stall detection absolute
threshold
AbsThr
4
GetFullStatus1
SetStallParam
See Section 15.4 Motion detection
Stall detection delta
threshold
DelThr
4
GetFullStatus1
SetStallParam
See Section 15.4 Motion detection
From OTP
memory
Stall detection delay
FS2StallEn
3
GetFullStatus2
SetStallParam
See Section 15.4 Motion detection
‘000’
Stall detection sampling
MinSamples
3
GetFullStatus2
SetStallParam
See Section 15.4 Motion detection
‘000’
PWM jitter
PWMJEn
1
GetFullStatus2
SetStallParam
‘1’ means jitter is added
‘0’
100% duty cycle stall
disable
DC100SDis
1
GetFullStatus2
SetStallParam
‘1’ means stall detection is disabled in case
PWM regulator runs at
δ = 100%
‘0’
PWM frequency
PWMFreq
1
SetMotorParam
‘1’ means 44 kHz is selected
‘0’
Note
:
A ResetToDefault command will act as a reset of the RAM content, except for ActPos and TagPos, which are registers that are not modified.
Therefore, the application should not send a ResetToDefault during a motion, to avoid any unwanted change of parameter.
29
AMI Semiconductor
– Apr. 2007, Rev 3.1, M-20664-003
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com