công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1546T bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện TDA1546T
Giải thích chi tiết về linh kiện  Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1546T bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button TDA1546T Datasheet HTML 9Page - NXP Semiconductors TDA1546T Datasheet HTML 10Page - NXP Semiconductors TDA1546T Datasheet HTML 11Page - NXP Semiconductors TDA1546T Datasheet HTML 12Page - NXP Semiconductors TDA1546T Datasheet HTML 13Page - NXP Semiconductors TDA1546T Datasheet HTML 14Page - NXP Semiconductors TDA1546T Datasheet HTML 15Page - NXP Semiconductors TDA1546T Datasheet HTML 16Page - NXP Semiconductors TDA1546T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
January 1995
13
Philips Semiconductors
Preliminary specification
Bitstream Continuous Calibration DAC with
digital sound processing (BCC-DAC)
TDA1546T
Table 4
Extended microcontroller control register file
EXTENDED
ADDRESS
ED3
ED2
ED1
ED0
INITIAL
STATE
USED FOR
EA2
EA1
EA0
0
0
0
INS1
INS0
DSM
CLRM
0 0 0 0
input format; double-speed mode;
clear memory
0
0
1
PVIV1
PVIV0
PINM1 PINM0
0 0 1 0
polarity and function versatile output pins
0
1
0
LONLY TRI
ACDT
DCDT
0 0 1 1
left only; 3
× reserved
0
1
1
CLKIV
CLKON
DYC1
DYC0
0 0 0 0
4
× reserved
The following programming values for the various control
words in the register file are given below.
7.3.3.1
Volume control register bits: BAL3 to BAL0
and BAR3 to BAR0
Balance: a 4-bit value to program left channel attenuation
(BAL3 to BAL0) and a 4-bit value to program right channel
attenuation (BAR3 to BAR0). The range is
0dBto
−22.5 dB in steps of 1.5 dB (see Section 7.7.1).
7.3.3.2
Volume control register bits: VC7 to VC0 and
FT3 to FT0
Volume control set number: an 8-bit value to program
volume control coefficient set (6 dB to
−90 dB, in steps of
0.375 dB, VC7 to VC0); a 4-bit value to program fade time
(6 ms to 22.4 s, FT3 to FT0) (see Section 7.7.2).
7.3.3.3
Volume control register bit: MUTE
Digital soft mute control bit: logic 1 to activate mute and
logic 0 to deactivate (see Section 7.7.3).
7.3.3.4
Volume control register bit: RUNFA
Function control bit: logic 1 to activate the volume control
(after new fade time and/or volume control setting) (see
Section 7.7.2.).
7.3.3.5
Sound monitor register bits: FP2 to FP0
Frequency range control bits (see Section 7.9.1).
7.3.3.6
Sound monitor register bits: OVER3 to OVER0
Overload detection level (dB linear; 0 dB to
−45 dB, in
steps of
−3 dB) (see Section 7.9.5).
7.3.3.7
Sound monitor register bits: SIL3 to SIL0 and
SILT3 to SILT0
Digital silence set numbers: a 4-bit value to program digital
silence detection level
−48 dB to ∞ dB (SIL3 to SIL0) and
a 4-bit value to program digital silence duration
0.2 s to 3.2 s (SILT3 to SILT0) (see Section 7.9.4).
7.3.3.8
Sound monitor register bit SPOS
This bit controls the position of the spectrum analyzer.
When SPOS = 1 the position of spectrum analyzer
precedes the tone control sections. When SPOS = 0 the
position of the spectrum analyzer succeeds the tone
control sections.
7.3.3.9
Sound processing register bit: DSS
Digital speaker system programming bit
(see Section 7.8.6).
7.3.3.10
Sound processing register bits: SCT3 to SCT0
Treble coefficient set number: a 4-bit value to program
digital treble coefficient set (see Section 7.8.2).
7.3.3.11
Sound processing register bits: SCB3 to SCB0
Bass coefficient set number: a 4-bit value to program
digital bass coefficient set (see Section 7.8.3).
7.3.3.12
Sound processing register bits: SCBB3 to
SCBB0
Bass boost coefficient set number: a 4-bit value to program
digital bass boost coefficient set (see Section 7.8.4). This
is also used for digital speaker system configuration
(see Section 7.8.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40