công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1545AT bảng dữ liệu(PDF) 18 Page - NXP Semiconductors

tên linh kiện TDA1545AT
Giải thích chi tiết về linh kiện  Stereo continuous calibration DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1545AT bảng dữ liệu(HTML) 18 Page - NXP Semiconductors

Back Button TDA1545AT Datasheet HTML 12Page - NXP Semiconductors TDA1545AT Datasheet HTML 13Page - NXP Semiconductors TDA1545AT Datasheet HTML 14Page - NXP Semiconductors TDA1545AT Datasheet HTML 15Page - NXP Semiconductors TDA1545AT Datasheet HTML 16Page - NXP Semiconductors TDA1545AT Datasheet HTML 17Page - NXP Semiconductors TDA1545AT Datasheet HTML 18Page - NXP Semiconductors TDA1545AT Datasheet HTML 19Page - NXP Semiconductors TDA1545AT Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
1997 Sep 04
18
Philips Semiconductors
Preliminary specification
Stereo continuous calibration DAC
TDA1545A
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20