| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC3822 bảng dữ liệu(PDF) 14 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3822 bảng dữ liệu(HTML) 14 Page - Linear Technology |
|
14 / 20 page ![]() 14 LTC3822 3822f INPUT VOLTAGE (V) 75 85 95 105 80 90 100 2.2 2.4 2.6 2.8 3822 F04 3.0 2.1 2.0 2.3 2.5 2.7 2.9 VREF MAXIMUM SENSE VOLTAGE Efficiency Considerations The efficiency of a switching regulator is equal to the output power divided by the input power. It is often useful to analyze individual losses to determine what is limiting efficiency and which change would produce the most improvement. Efficiency can be expressed as: Efficiency = 100% – (L1 + L2 + L3 + …) where L1, L2, etc. are the individual losses as a percentage of input power. Although all dissipative elements in the circuit produce losses, four main sources usually account for most of the losses in LTC3822 circuits: 1) LTC3822 DC bias current, 2) MOSFET gate charge current, 3) I2R losses and 4) transition losses. 1) The VIN (pin) current is the DC supply current, given in the Electrical Characteristics, which excludes MOSFET driver currents. VIN current results in a small loss that increases with VIN. 2) MOSFET gate charge current results from switching the gate capacitance of the power MOSFET. Each time a MOSFET gate is switched from low to high to low again, a packet of charge dQ moves from BOOST to ground. The resulting dQ/dt is a current out of BOOST, which is typically much larger than the VIN supply current. In continuous mode, IGATECHG = f • QP. 3) I2R losses are calculated from the DC resistances of the MOSFETs, inductor and/or sense resistor. In continu- ous mode, the average output current flows through L but is “chopped” between the top MOSFET and the bottom MOSFET. Each MOSFET’s RDS(ON) can be multi- plied by its respective duty cycle and summed together with the DCR of the inductor to obtain I2R losses. 4) Transition losses apply to the external MOSFET and increase with higher operating frequencies and input voltages. Transition losses can be estimated from: Transition Loss = 2 • VIN2 • IO(MAX) • CRSS • f Other losses, including CIN and COUT ESR dissipative losses and inductor core losses, generally account for less than 2% total additional loss. APPLICATIO S I FOR ATIO Low Input Supply Voltage Although the LTC3822 can function down to below 2.4V, the maximum allowable output current is reduced as VIN decreases below 3V. Figure 4 shows the amount of change as the supply is reduced down to 2.4V. Also shown is the effect on VREF. Minimum On-Time Considerations Minimum on-time, tON(MIN) is the smallest amount of time that the LTC3822 is capable of turning the top MOSFET on. It is determined by internal timing delays and the gate charge required to turn on the top MOSFET. Low duty cycle and high frequency applications may approach the mini- mum on-time limit and care should be taken to ensure that: t V fV ON MIN OUT OSC IN () • < If the duty cycle falls below what can be accommodated by the minimum on-time, the LTC3822 will begin to skip cycles. The output voltage will continue to be regulated, but the ripple current and ripple voltage will increase. The minimum on-time for the LTC3822 is typically about 170ns. However, as the peak sense voltage (IL(PEAK) • RDS(ON)) decreases, the minimum on-time gradually increases up to about 260ns. Figure 4. Line Regulation of VREF and Maximum Sense Voltage |