| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLM4B-RKC-AKC bảng dữ liệu(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM4B-RKC-AKC bảng dữ liệu(HTML) 4 Page - Cree LED |
|
4 / 9 page ![]() CLM4B-RKC/AKC: PLCC4 1 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1425 REV 4 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red CLM4B-RKC-CWaXaAA3 1120 2240 RA 618 RA 630 Red CLM4B-RKC-CWbXaAA3 1400 2240 RA 618 RA 630 Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber CLM4B-AKC-CWbXb353 1400 2800 A3 587 A5 596 Amber CLM4B-AKC-CWbXb343 1400 2800 A3 587 A4 593 Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |