| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL620-08OC-R bảng dữ liệu(PDF) 8 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL620-08OC-R bảng dữ liệu(HTML) 8 Page - PhaseLink Corporation |
|
8 / 8 page ![]() PLL620-05/-06/-07/-08/-09 Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal) Universal Low Phase Noise IC’s 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 8 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PLL620-0X X X X X Order Number Marking Package Option Order Number Marking Package Option PLL620-05OC P620-05OC TSSOP – Tube PLL620-08OC P620-08OC TSSOP – Tube PLL620-05OC-R P620-05OC TSSOP – Tape & Reel PLL620-08OC-R P620-08OC TSSOP – Tape & Reel PLL620-05OCL P620-05OCL TSSOP – Tube, GREEN PLL620-08OCL P620-08OCL TSSOP – Tube, GREEN PLL620-05OCL-R P620-05OCL TSSOP – Tape & Reel, GREEN PLL620-08OCL-R P620-08OCL TSSOP – Tape & Reel, GREEN PLL620-05QC P620-05QC QFN – Tube PLL620-08QC P620-08QC QFN – Tube PLL620-05QC-R P620-05QC QFN – Tape & Reel PLL620-08QC-R P620-08QC QFN – Tape & Reel PLL620-05QCL P620-05QCL QFN – Tube, GREEN PLL620-08QCL P620-08QCL QFN – Tube, GREEN PLL620-05QCL-R P620-05QCL QFN – Tape & Reel, GREEN PLL620-08QCL-R P620-08QCL QFN – Tape & Reel, GREEN PLL620-06QC P620-06QC QFN – Tube PLL620-09OC P620-09OC TSSOP – Tube PLL620-06QC-R P620-06QC QFN – Tape & Reel PLL620-09OC-R P620-09OC TSSOP – Tape & Reel PLL620-06QCL P620-06QCL QFN – Tube, GREEN PLL620-09OCL P620-09OCL TSSOP – Tube, GREEN PLL620-06QCL-R P620-06QCL QFN – Tape & Reel, GREEN PLL620-09OCL-R P620-09OCL TSSOP – Tape & Reel, GREEN PLL620-07OC P620-07OC TSSOP – Tube PLL620-09QC P620-09QC QFN – Tube PLL620-07OC-R P620-07OC TSSOP – Tape & Reel PLL620-09QC-R P620-09QC QFN – Tape & Reel PLL620-07OCL P620-07OCL TSSOP – Tube, GREEN PLL620-09QCL P620-09QCL QFN – Tube, GREEN PLL620-07OCL-R P620-07OCL TSSOP – Tape & Reel, GREEN PLL620-09QCL-R P620-09QCL QFN – Tape & Reel, GREEN PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRIAL PACKAGE TYPE X=SSOP NONE=NORMAL PACKAGE L=GREEN PACKAGE NONE= TUBE R=TAPE AND |