| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL620-05OCLR bảng dữ liệu(PDF) 6 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL620-05OCLR bảng dữ liệu(HTML) 6 Page - PhaseLink Corporation |
|
6 / 8 page ![]() PLL620-05/-06/-07/-08/-09 Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal) Universal Low Phase Noise IC’s 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 6 9. PECL Electrical Characteristics PARAMETERS SYMBOL CONDITIONS MIN. MAX. UNITS Output High Voltage VOH VDD – 1.025 V Output Low Voltage VOL RL = 50 Ω to (VDD – 2V) (see figure) VDD – 1.620 V 19. PECL Switching Characteristics PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Clock Rise Time tr @20/80% - PECL 0.6 1.5 ns Clock Fall Time tf @80/20% - PECL 0.5 1.5 ns OUT OUT 50 Ω 50 Ω PECL Levels Test Circuit PECL Transistion Time Waveform OUT OUT 50% 20% 80% t R t F VDD DUTY CYCLE 45 - 55% 55 - 45% 50% OUT OUT t SKEW PECL Output Skew 2.0V |