công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL620-07QCL bảng dữ liệu(PDF) 8 Page - PhaseLink Corporation

tên linh kiện PLL620-07QCL
Giải thích chi tiết về linh kiện  Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PLL [PhaseLink Corporation]
Trang chủ  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-07QCL bảng dữ liệu(HTML) 8 Page - PhaseLink Corporation

  PLL620-07QCL Datasheet HTML 1Page - PhaseLink Corporation PLL620-07QCL Datasheet HTML 2Page - PhaseLink Corporation PLL620-07QCL Datasheet HTML 3Page - PhaseLink Corporation PLL620-07QCL Datasheet HTML 4Page - PhaseLink Corporation PLL620-07QCL Datasheet HTML 5Page - PhaseLink Corporation PLL620-07QCL Datasheet HTML 6Page - PhaseLink Corporation PLL620-07QCL Datasheet HTML 7Page - PhaseLink Corporation PLL620-07QCL Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PLL620-05/-06/-07/-08/-09
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 8
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL620-0X X X X X
Order Number
Marking
Package Option
Order Number
Marking
Package Option
PLL620-05OC
P620-05OC
TSSOP – Tube
PLL620-08OC
P620-08OC
TSSOP – Tube
PLL620-05OC-R
P620-05OC
TSSOP – Tape & Reel
PLL620-08OC-R
P620-08OC
TSSOP – Tape & Reel
PLL620-05OCL
P620-05OCL
TSSOP – Tube, GREEN
PLL620-08OCL
P620-08OCL
TSSOP – Tube, GREEN
PLL620-05OCL-R
P620-05OCL
TSSOP – Tape & Reel, GREEN
PLL620-08OCL-R
P620-08OCL
TSSOP – Tape & Reel, GREEN
PLL620-05QC
P620-05QC
QFN – Tube
PLL620-08QC
P620-08QC
QFN – Tube
PLL620-05QC-R
P620-05QC
QFN – Tape & Reel
PLL620-08QC-R
P620-08QC
QFN – Tape & Reel
PLL620-05QCL
P620-05QCL
QFN – Tube, GREEN
PLL620-08QCL
P620-08QCL
QFN – Tube, GREEN
PLL620-05QCL-R
P620-05QCL
QFN – Tape & Reel, GREEN
PLL620-08QCL-R
P620-08QCL
QFN – Tape & Reel, GREEN
PLL620-06QC
P620-06QC
QFN – Tube
PLL620-09OC
P620-09OC
TSSOP – Tube
PLL620-06QC-R
P620-06QC
QFN – Tape & Reel
PLL620-09OC-R
P620-09OC
TSSOP – Tape & Reel
PLL620-06QCL
P620-06QCL
QFN – Tube, GREEN
PLL620-09OCL
P620-09OCL
TSSOP – Tube, GREEN
PLL620-06QCL-R
P620-06QCL
QFN – Tape & Reel, GREEN
PLL620-09OCL-R
P620-09OCL
TSSOP – Tape & Reel, GREEN
PLL620-07OC
P620-07OC
TSSOP – Tube
PLL620-09QC
P620-09QC
QFN – Tube
PLL620-07OC-R
P620-07OC
TSSOP – Tape & Reel
PLL620-09QC-R
P620-09QC
QFN – Tape & Reel
PLL620-07OCL
P620-07OCL
TSSOP – Tube, GREEN
PLL620-09QCL
P620-09QCL
QFN – Tube, GREEN
PLL620-07OCL-R
P620-07OCL
TSSOP – Tape & Reel, GREEN
PLL620-09QCL-R
P620-09QCL
QFN – Tape & Reel, GREEN
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
X=SSOP
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
R=TAPE AND



Html Pages

1 2 3 4 5 6 7 8