| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL611S-06-XXXTC-R bảng dữ liệu(PDF) 8 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PL611S-06-XXXTC-R bảng dữ liệu(HTML) 8 Page - PhaseLink Corporation |
|
8 / 8 page ![]() (Preliminary)PL611s-06 Low-Power Programmable Quick Turn Clock T M 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 8 ORDERING INFORMATION (GREEN PACKAGE COMPLIANT) For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Part number, Package type and Operating temperature range PL611s-06-XXX X X X Part Number/Order Number Marking† Package Option PL611s-06-XXXGC-R XXX 6-Pin DFN (Tape and Reel) PL611s-06-XXXUC-R XXX 6-Pin SC70 (Tape and Reel) PL611s-06-XXXTC-R 06XXX 6-Pin SOT23 (Tape and Reel) † Note: ‘XXX’ designates marking identifier that could be independent of the part number. PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. Solder reflow profile available at www.phaselink.com/QA/solderingGreen.pdf PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRIAL PACKAGE TYPE G=DFN-6L U=SC70-6L T=SOT-6L 3 DIGIT ID Code * (will be assigned at programming time) NONE= TUBE R=TAPE and REEL |