công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1302T bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện TDA1302T
Giải thích chi tiết về linh kiện  Data amplifier and laser supply circuit for CD player and read only optical systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1302T bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button TDA1302T Datasheet HTML 9Page - NXP Semiconductors TDA1302T Datasheet HTML 10Page - NXP Semiconductors TDA1302T Datasheet HTML 11Page - NXP Semiconductors TDA1302T Datasheet HTML 12Page - NXP Semiconductors TDA1302T Datasheet HTML 13Page - NXP Semiconductors TDA1302T Datasheet HTML 14Page - NXP Semiconductors TDA1302T Datasheet HTML 15Page - NXP Semiconductors TDA1302T Datasheet HTML 16Page - NXP Semiconductors TDA1302T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TDA1302_1
14 Wed Sep 14 13:30:56 1994
September 1994
14
Philips Semiconductors
Preliminary specification
Data amplifier and laser supply circuit for
CD player and read only optical systems
TDA1302T
Application of other mechanisms
The TDA1302T can accommodate all laser/monitor
configurations with an N sub-laser diode. When an N
sub-monitor diode is used, external circuitry is required as
illustrated in Figs 11(a) to 11(d). Most of these
laser/monitor diode units have a variable resistor (Rm) in
parallel with the monitor diode which has been
pre-adjusted so that the voltage drop across this resistor
has a specific value at nominal laser diode output power.
The four circuits given each detail specific values for some
frequently used pick-up units as given in Table 3. Each
circuit has its own advantages. All circuits illustrated make
use of the fixed voltage (<200 mV) across the built-in
monitor resistor.
Table 3 Pick-up units.
PICK-UP
UNIT
MANUFACTURER
APPLICATION
SLD104U
Sony corporation
KSM210 (Sony)
LT022MS
Sharp corporation
KSM210 (Sony)
RLD-78MA
Rohm corporation
KSM210 (Sony)
HOP-M3TR
(Hitachi)
SF91
Sony corporation
CDV90V1 (Sanyo)
Fig.11 Applications of the laser/monitor units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18