công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1028CSW bảng dữ liệu(PDF) 10 Page - Linear Technology

tên linh kiện LT1028CSW
Giải thích chi tiết về linh kiện  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1028CSW bảng dữ liệu(HTML) 10 Page - Linear Technology

Back Button LT1028CSW Datasheet HTML 6Page - Linear Technology LT1028CSW Datasheet HTML 7Page - Linear Technology LT1028CSW Datasheet HTML 8Page - Linear Technology LT1028CSW Datasheet HTML 9Page - Linear Technology LT1028CSW Datasheet HTML 10Page - Linear Technology LT1028CSW Datasheet HTML 11Page - Linear Technology LT1028CSW Datasheet HTML 12Page - Linear Technology LT1028CSW Datasheet HTML 13Page - Linear Technology LT1028CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1028/LT1128
largest term, as in the example above, and the LT1028/
LT1128’s voltage noise becomes negligible. As Req is
further increased, current noise becomes important. At
1kHz, when Req is in excess of 20k, the current noise
component is larger than the resistor noise. The total noise
versus matched source resistance plot illustrates the
above calculations.
The plot also shows that current noise is more dominant
at low frequencies, such as 10Hz. This is because resistor
noise is flat with frequency, while the 1/f corner of current
noise is typically at 250Hz. At 10Hz when Req > 1k, the
current noise term will exceed the resistor noise.
When the source resistance is unmatched, the total noise
versus unmatched source resistance plot should be con-
sulted. Note that total noise is lower at source resistances
below 1k because the resistor noise contribution is less.
When RS > 1k total noise is not improved, however. This
is because bias current cancellation is used to reduce
input bias current. The cancellation circuitry injects two
correlated current noise components into the two inputs.
With matched source resistors the injected current noise
creates a common-mode voltage noise and gets rejected
by the amplifier. With source resistance in one input only,
the cancellation noise is added to the amplifier’s inherent
noise.
In summary, the LT1028/LT1128 are the optimum ampli-
fiers for noise performance, provided that the source
resistance is kept low. The following table depicts which
op amp manufactured by Linear Technology should be
used to minimize noise, as the source resistance is in-
creased beyond the LT1028/LT1128’s level of usefulness.
–
+
100
Ω
100k
100
Ω
LT1028
LT1128
1028/1128 AI01
S
APPLICATI
I FOR ATIO – OISE
BEST OP AMP
AT LOW FREQ(10Hz)
WIDEBAND(1kHz)
SOURCE RESIS-
TANCE(
Ω) (Note 1)
Best Op Amp for Lowest Total Noise vs Source Resistance
0 to 400
LT1028/LT1128
LT1028/LT1128
400 to 4k
LT1007/1037
LT1028/LT1128
4k to 40k
LT1001
LT1007/1037
40k to 500k
LT1012
LT1001
500k to 5M
LT1012 or LT1055
LT1012
>5M
LT1055
LT1055
Note 1: Source resistance is defined as matched or unmatched, e.g.,
RS = 1k means: 1k at each input, or 1k at one input and zero at the other.
Voltage Noise vs Current Noise
The LT1028/LT1128’s less than 1nV/
√Hz voltage noise is
three times better than the lowest voltage noise heretofore
available (on the LT1007/1037). A necessary condition for
such low voltage noise is operating the input transistors at
nearly 1mA of collector currents, because voltage noise is
inversely proportional to the square root of the collector
current. Current noise, however, is directly proportional to
the square root of the collector current. Consequently, the
LT1028/LT1128’s current noise is significantly higher
than on most monolithic op amps.
Therefore, to realize truly low noise performance it is
important to understand the interaction between voltage
noise (en), current noise (In) and resistor noise (rn).
Total Noise vs Source Resistance
The total input referred noise of an op amp is given by
et = [en
2 + rn2 + (InReq)2]1/2
where Req is the total equivalent source resistance at the
two inputs, and
rn = √4kTReq = 0.13√Req in nV/√Hz at 25°C
As a numerical example, consider the total noise at 1kHz
of the gain 1000 amplifier shown below.
Req = 100Ω + 100Ω || 100k ≈ 200Ω
rn = 0.13√200 = 1.84nV√Hz
en = 0.85nV√Hz
In = 1.0pA/√Hz
et = [0.85
2 + 1.842 + (1.0
× 0.2) 2]1/2 = 2.04nV/√Hz
Output noise = 1000 et = 2.04µV/√Hz
At very low source resistance (Req < 40Ω) voltage noise
dominates. As Req is increased resistor noise becomes the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com