| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST25VF032B bảng dữ liệu(PDF) 3 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST25VF032B bảng dữ liệu(HTML) 3 Page - Silicon Storage Technology, Inc |
|
3 / 28 page ![]() Advance Information 32 Mbit SPI Serial Flash SST25VF032B 3 ©2006 Silicon Storage Technology, Inc. S71327-00-000 10/06 PIN DESCRIPTION FIGURE 2: Pin Assignments for 8-Lead SOIC FIGURE 3: Pin Assignments for 16-Lead SOIC 1 2 3 4 8 7 6 5 CE# SO WP# VSS VDD HOLD# SCK SI Top View 1327 8-SOIC P1.0 Notes: 1. In AAI mode, the SO pin can act as a RY/BY# pin when configured as a ready/busy status pin. See “End-of- Write Detection” on page 12 for details. SCK SI NC NC NC NC VSS WP# HOLD# VDD NC NC NC NC CE# SO 1327 16-SOIC P1.0 Notes: 1. In AAI mode, the SO pin can act as a RY/BY# pin when configured as a ready/busy status pin. See “End-of- Write Detection” on page 12 for details. |