công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST79LF008 bảng dữ liệu(PDF) 74 Page - Silicon Storage Technology, Inc

tên linh kiện SST79LF008
Giải thích chi tiết về linh kiện  Mobile Platform Controller plus 8 Mbit LPC Firmware Flash
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST79LF008 bảng dữ liệu(HTML) 74 Page - Silicon Storage Technology, Inc

Back Button SST79LF008 Datasheet HTML 70Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 71Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 72Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 73Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 74Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 75Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 76Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 77Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 78Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 252 page
background image
74
Advance Information
Mobile Platform Controller
8 Mbit LPC Firmware Flash
SST79LF008
©2006 Silicon Storage Technology, Inc.
S71320-01-000
10/06
Symbol
Function
-
Not implemented
X
Not defined
PLLM[5:0],
PLL Output frequency control*†
PLLP[1:0],
FPLLO = FPLLI * m/(p*s)
PLLS[3:0]
m = 2*(M+2)
p = (P+1)
s = 2*(S+2)
5.3.3 Clock Switching after Power On and Reset
When SST79LF008 is powered on, the default clock
source is always the internal ring oscillator. The RCLK con-
tinues to be used until all of the following events have taken
place.
1. The 65,536 + 128 counts of RCLK are completed
2. ECLK is running
3. PWRGOOD pin is high
4. RCLK is not selected by firmware as the core
clock (i.e., CLKSEL_8051 = 1)
5. The PLL output clock (if enabled), has been
through 16,128 (3F00H) counts
5.3.2.2 PLL M Value Register (PLLM)
Location
7
6
5
4
3
2
1
0
7F35H
Read
-
-
PLLM5
PLLM4
PLLM3
PLLM2
PLLM1
PLLM0
Write
Reset
X
X
1
0
001
0
5.3.2.3 PLL PS Value Register (PLLPS)
Location
7
6
5
4
3
2
1
0
7F36H
Read
-
-
PLLP1
PLLP0
PLLS3
PLLS2
PLLS1
PLLS0
Write
Reset
X
X
1
1
001
0
* When changing PLL output frequency (i.e. changing PLLM and/or PLLPS register) PCLK must not be selected as 8051 core clock
† When changing PLL output frequency (i.e. changing PLLM and/or PLLPS register) PCLK must not be selected as 8051 core clock
FPLLI (MHz) (ECLK)
P
M
S
FPLLO (MHz) (PCLK)
40
34
7
16
40
34
4
24
40
30
2
32
81
34
7
16
81
34
4
24
81
30
2
32
12
2
34
7
16
12
2
34
4
24
12
2
30
2
32
14.318
3
38
7
15.9089
14.318
3
38
4
23.8633
14.318
3
34
2
32.2155
16
3
34
4
24
16
3
30
2
32
T5-4.1245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com