công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST85LD0128 bảng dữ liệu(PDF) 33 Page - Silicon Storage Technology, Inc

tên linh kiện SST85LD0128
Giải thích chi tiết về linh kiện  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 bảng dữ liệu(HTML) 33 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 37Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
33
12.2.1.9 Initialize-Drive-Parameters - 91H
This command enables the host to set the number of sectors per track and the number of heads per
cylinder. Only the Sector Count and the Drive/Head registers are used by this command.
12.2.1.10 NOP - 00H
This command always fails with the NANDrive returning command aborted.
12.2.1.11 Read-Buffer - E4H
The Read-Buffer command enables the host to read the current contents of the NANDrive’s sector
buffer. This command has the same protocol as the Read-Sector(s) command
Bit ->
76543210
Command (7)
91H
C/D/H (6)
X
0
X
Drive
Max Head (no. of heads-1)
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Number of Sectors
Feature (1)
X
Bit ->
76543210
Command (7)
00H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76543210
Command (7)
E4H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com