công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WSI12065E-R40M bảng dữ liệu(PDF) 2 Page - AiT Semiconductor Inc.

tên linh kiện WSI12065E-R40M
Giải thích chi tiết về linh kiện  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AITSEMI [AiT Semiconductor Inc.]
Trang chủ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI12065E-R40M bảng dữ liệu(HTML) 2 Page - AiT Semiconductor Inc.

  WSI12065E-R40M Datasheet HTML 1Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 2Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 3Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 4Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 2 -
●SPECIFICATION
Unit: mm
Type
A
B
C
D
E
F
G
H
04012J
4.50±0.20
4.00±0.20 1.10±0.20 0.60±0.10 1.00±0.30 4.80 Ref. 2.20 Ref. 1.50 Ref.
04012M
4.45±0.25
4.06±0.25 1.10±0.10 2.00±0.30 0.76±0.30 4.80 Ref. 2.20 Ref. 2.50 Ref.
04015J
4.50±0.20
4.00±0.20 1.40±0.10 0.60±0.10 1.00±0.30 4.80 Ref. 2.20 Ref. 1.50 Ref.
04020E
4.50±0.20
4.00±0.20 1.80±0.20 1.50±0.30 0.76±0.30 4.80 Ref. 2.20 Ref. 2.50 Ref.
04020J
4.50±0.20
4.00±0.20 1.80±0.20 0.60±0.10 1.00±0.30 4.80 Ref. 2.20 Ref. 1.50 Ref.
05030E
5.70±0.30
5.20±0.30 2.80±0.20 2.30±0.30 1.30±0.30 5.70 Ref. 2.00 Ref. 3.00 Ref.
06018W
7.10±0.30
6.60±0.30 1.60±0.20 3.00±0.30 1.60±0.50 7.40 Ref. 3.70 Ref. 3.50 Ref.
06018E
7.10±0.30
6.60±0.30 1.60±0.20 3.00±0.30 1.60±0.50 7.40 Ref. 3.70 Ref. 3.50 Ref.
06024E
7.10±0.30
6.60±0.30 2.20±0.20 3.00±0.30 1.60±0.50 7.40 Ref. 3.70 Ref. 3.50 Ref.
06030E
7.10±0.30
6.60±0.30 2.80±0.20 3.00±0.30 1.60±0.50 7.40 Ref. 3.70 Ref. 3.50 Ref.
06030L
7.10±0.30
6.60±0.30 2.80±0.20 3.00±0.30 1.60±0.50 7.40 Ref. 3.70 Ref. 3.50 Ref.
06040J
7.60 Max.
6.60±0.30
4.00 Max. 1.20±0.30 1.60±0.50 7.40 Ref. 3.70 Ref. 2.50 Ref.
10040E
11.50±1.00 10.50±0.50 3.80±0.20 3.00±0.30 2.50±0.50 13.00 Ref. 6.00 Ref. 4.00 Ref.
10040L
11.50±1.00 10.50±0.50 3.80±0.20 3.00±0.50 2.50±0.50 13.00 Ref. 6.00 Ref. 4.00 Ref.
10050J
10.50±1.00 10.00±0.30 4.80±0.20
By Item
2.00±0.50 12.00 Ref. 5.50 Ref. By Item
12050E
13.50±1.00 12.80±0.50 4.80±0.20 3.80±0.50 2.50±0.50 15.00 Ref. 6.00 Ref. 5.00 Ref.
12065E
13.50±1.00 12.80±0.50 6.20±0.30 3.80±0.50 2.50±0.50 15.00 Ref. 6.00 Ref. 5.00 Ref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com