| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC485CS8 bảng dữ liệu(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC485CS8 bảng dữ liệu(HTML) 3 Page - Linear Technology |
|
3 / 12 page ![]() 3 LTC485 sn 485LTC485ffs The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.VCC = 5V ±5%, unless otherwise noted. (Notes 2 and 3) Note 1: Absolute maximum ratings are those beyond which the safety of the device cannot be guaranteed. Note 2: All currents into device pins are positive; all currents out ot device pins are negative. All voltages are referenced to device ground unless otherwise specified. Note 3: All typicals are given for VCC = 5V and TA = 25°C. Note 4: The LTC485 is guaranteed by design to be functional over a supply voltage range of 5V ±10%. Data sheet parameters are guaranteed over the tested supply voltage range of 5V ±5%. TYPICAL PERFOR A CE CHARACTERISTICS Receiver Output High Voltage vs Output Current Receiver Output Low Voltage vs Output Current OUTPUT VOLTAGE (V) 0 0 4 12 16 20 1.0 36 LTC485 • TPC01 8 0.5 2.0 24 28 32 1.5 TA = 25°C OUTPUT VOLTAGE (V) 5 0 –2 –6 –8 –10 3 –18 LTC485 • TPC02 –4 4 –12 –14 –16 2 TA = 25°C TEMPERATURE (°C) –50 3.0 3.2 3.6 3.8 4.0 75 4.8 LTC485 • TPC03 3.4 0 125 4.2 4.4 4.6 –25 25 50 100 I = 8mA Receiver Output High Voltage vs Temperature SWITCHI G CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS ICC Supply Current No Load, Pins 2, Outputs Enabled ● 500 900 µA 3, 4 = 0V or 5V Outputs Disabled ● 300 500 µA IOSD1 Driver Short-Circuit Current, VOUT = HIGH VO = – 7V ● 35 100 250 mA IOSD2 Driver Short-Circuit Current, VOUT = LOW VO = 10V ● 35 100 250 mA IOSR Receiver Short-Circuit Current 0V ≤ VO ≤ VCC ● 785 mA tPLH Driver Input to Output RDIFF = 54Ω, CL1 = CL2 = 100pF, ● 10 30 50 ns tPHL Driver Input to Output (Figures 3 and 5) ● 10 30 50 ns tSKEW Driver Output to Output ● 510 ns tr, tf Driver Rise or Fall Time ● 315 25 ns tZH Driver Enable to Output High CL = 100pF (Figures 4 and 6) S2 Closed ● 40 70 ns tZL Driver Enable to Output Low CL = 100pF (Figures 4 and 6) S1 Closed ● 40 70 ns tLZ Driver Disable Time from Low CL = 15pF (Figures 4 and 6) S1 Closed ● 40 70 ns tHZ Driver Disable Time from High CL = 15pF (Figures 4 and 6) S2 Closed ● 40 70 ns tPLH Receiver Input to Output RDIFF = 54Ω, CL1 = CL2 = 100pF, ● 30 90 200 ns tPHL (Figures 3 and 7) ● 30 90 200 ns tSKD ⏐tPLH – tPHL⏐ Differential Receiver Skew ● 13 ns tZL Receiver Enable to Output Low CRL = 15pF (Figures 2 and 8) S1 Closed ● 20 50 ns tZH Receiver Enable to Output High CRL = 15pF (Figures 2 and 8) S2 Closed ● 20 50 ns tLZ Receiver Disable from Low CRL = 15pF (Figures 2 and 8) S1 Closed ● 20 50 ns tHZ Receiver Disable from High CRL = 15pF (Figures 2 and 8) S2 Closed ● 20 50 ns |