| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA10045 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA10045 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 20 page ![]() 2001 Nov 08 8 Philips Semiconductors Product specification DVB-T channel receiver TDA10045H Notes 1. OD are open-drain outputs, so they must be connected to a pull-up resistor to either VDDD33 or VDDD50 2. All inputs (I) are TTL, 5 V tolerant, (if VDD50 is set to 5 V). 3. Foundry test I/O inputs must be connected to GND. handbook, full pagewidth 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 FFT_WIN SP_IN[0] SP_IN[1] DWNLOAD VSSD VDDD50 SCAN_EN TM[0] TM[1] TM[2] TM[3] VSSD VDDD18 SADDR[0] SADDR[1] EEPADDR CLR# n.c. SDA SCL SDA_TUN SCL_TUN SDA_EEP VSSD VDDD33 SCL_EEP VAGC DS_SPARE3 VSSD VDDD33 n.c. TRSTN TMS TDI TCK TDO VDDD18 VSSD DS_SPARE2 DS_SPARE1 VDDD33 VSSD UNCOR PSYNC DEN OCLK DO[7] DO[6] DO[5] VDDD18 VSSD DO[4] DO[3] DO[2] DO[1] DO[0] VDDD33 VSSD XIN XOUT MGU413 TDA10045H Fig.2 Pin configuration. |