| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201ACD bảng dữ liệu(PDF) 58 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201ACD bảng dữ liệu(HTML) 58 Page - Texas Instruments |
|
58 / 66 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 58 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION P (R-PDIP-T8) PLASTIC DUAL-IN-LINE PACKAGE 4040082 / B 03/95 0.310 (7,87) 0.290 (7,37) 0.010 (0,25) NOM 0.400 (10,60) 0.355 (9,02) 5 8 4 1 0.020 (0,51) MIN 0.070 (1,78) MAX 0.240 (6,10) 0.260 (6,60) 0.200 (5,08) MAX 0.125 (3,18) MIN 0.015 (0,38) 0.021 (0,53) Seating Plane M 0.010 (0,25) 0.100 (2,54) 0 °–15° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Falls within JEDEC MS-001 |