| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN28835FS bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN28835FS bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 19 page ![]() TC244A 786- × 488-PIXEL CCD IMAGE SENSOR SOCS056 – JUNE 1996 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION DR (dynamic range) + camera white-clip voltage Vn Vn = noise-floor voltage Vsat (min) = minimum saturation voltage Vuse (max) = maximum usable voltage Vuse (typ) = typical user voltage (camera white clip) (light input) Lux Enabled With Antiblooming Blooming Point Well Capacity Dependent On Disabled With Antiblooming Blooming Point Gate High Level Upon Antiblooming Level Dependent DR Vn Vsat (min) Vuse (typ) Vuse (max) VO NOTES: A. Vuse (typ) is defined as the voltage determined to equal the camera white clip. This voltage must be less than Vuse (max). B. A system trade-off is necessary to determine the system light sensitivity versus the signal/noise ratio. By lowering the Vuse (typ), the light sensitivity of the camera is increased; however, this sacrifices the signal/noise ratio of the camera. Figure 10. Typical Vsat, Vuse Relationship |