| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLM2D-GPC-BPC bảng dữ liệu(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM2D-GPC-BPC bảng dữ liệu(HTML) 4 Page - Cree LED |
|
4 / 9 page ![]() CLM2D-GPC/BPC: PLCC4 GREEN & BLUE SMD LEDs © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1410 REV 6 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Min. Max. Color Bin Min.(nm) Color Bin Max.(nm) Green CLM2D-GPC-CA0E0793 5600 18000 G7 520 G9 535 Reel CLM2D-GPC-CB0E0793 7100 18000 G7 520 G9 535 Reel CLM2D-GPC-CB0E0783 7100 18000 G7 520 G8 530 Reel Blue CLM2D-BPC-CWaYa453 1120 3550 B4 465 B5 475 Reel CLM2D-BPC-CWbYa453 1400 3550 B4 465 B5 475 Reel Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |