| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLM2D-CPC bảng dữ liệu(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM2D-CPC bảng dữ liệu(HTML) 4 Page - Cree LED |
|
4 / 9 page ![]() CLM2D-CPC: PLCC4 GYAN SMD LEDs © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1415 REV 8 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Min. Max. Color Bin Min.(nm) Color Bin Max.(nm) Gyan CLM2D-CPC-CYbA03123 3550 7100 G3 500 G12 512.5 Reel CLM2D-CPC-CYbA0343 3550 7100 G3 500 G4 510 Reel Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |