| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RKBPC3502 bảng dữ liệu(PDF) 1 Page - Won-Top Electronics |
|
|
|||||||||||||||||||||||||||||
RKBPC3502 bảng dữ liệu(HTML) 1 Page - Won-Top Electronics |
|
1 / 5 page ![]() RKBPC10, 15, 25, 35 SERIES 1 of 5 © 2006 Won-Top Electronics Pb RKBPC10, 15, 25, 35 SERIES 10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER Features ! Diffused Junction A A ! Low Reverse Leakage Current C C ! Low Power Loss, High Efficiency G G ! Electrically Isolated Epoxy Case for ~ ~ + Maximum Heat Dissipation D + C C ! Case to Terminal Isolation Voltage 2500V - ~ - ~ D ! Recognized File # E157705 H H Mechanical Data E E ! Case: Molded Plastic with Heatsink, Available B B in Both Low Profile and Standard Case ! Terminals: Plated Faston Lugs or Wire Leads, Add “W” Suffix to Indicate Wire Leads ! Polarity: As Marked on Case ! Mounting: Through Hole with #10 Screw ! Mounting Torque: 23 cm-kg (20 in-lbs) Max. ! Weight: 21 grams (RKBPC); 18 grams (RKBPC-W) ! Marking: Type Number ! Lead Free: For RoHS / Lead Free Version, Add “-LF” Suffix to Part Number, See Page 5 Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. RKBPC10, 15, 25, 35 Characteristics Symbol 00 01 02 04 06 08 10 Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 400 600 800 1000 V RMS Reverse Voltage VR(RMS) 35 70 140 280 420 560 700 V Average Rectifier Output Current @TC = 50°C RKBPC10 RKBPC15 RKBPC25 RKBPC35 IO 10 15 25 35 A Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave Superimposed on rated load (JEDEC Method) RKBPC10 RKBPC15 RKBPC25 RKBPC35 IFSM 200 300 300 400 A Forward Voltage Drop per leg RKBPC10 @IF = 5.0A RKBPC15 @IF = 7.5A RKBPC25 @IF = 12.5A RKBPC35 @IF = 17.5A VFM 1.3 V Peak Reverse Current @TC = 25°C At Rated DC Blocking Voltage @TC = 125°C IRM 10 500 µA Reverse Recovery Time (Note 1) trr 150 250 500 nS WTE POWER SEMICONDUCTORS RKBPC Low Profile / Standard RKBPC-W Low Profile / Standard Dim Min Max Min Max A 28.40 28.70 28.40 28.70 B 7.50 / 10.97 8.50 / 11.23 7.50 / 10.97 8.50 / 11.23 C 15.70 16.70 17.10 19.10 D 17.50 18.50 10.90 11.90 E 22.50 / 22.86 23.50 / 25.40 30.50 — G Hole for #10 screw, 5.08Ø Nominal H 6.35 Typical 0.97Ø 1.07Ø All Dimension in mm RKBPC RKBPC-W |
Số phần tương tự - RKBPC3502 |
|
Mô tả tương tự - RKBPC3502 |