công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25450/12 bảng dữ liệu(PDF) 2 Page - Alpha Wire

tên linh kiện 25450/12
Giải thích chi tiết về linh kiện  14 (41/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPHAWIRE [Alpha Wire]
Trang chủ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25450/12 bảng dữ liệu(HTML) 2 Page - Alpha Wire

  25450/12 Datasheet HTML 1Page - Alpha Wire 25450/12 Datasheet HTML 2Page - Alpha Wire 25450/12 Datasheet HTML 3Page - Alpha Wire 25450/12 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) UL
 
 
a) Component 1
AWM/STYLE 1015
105°C / 600 VRMS
b) Overall
AWM/STYLE 20669
90°C / 600 VRMS
 
VW-1
 
2) CSA International
 
 
a) Component 1
TEW
105°C / 600 VRMS
b) Overall
C(RU) AWM I/II A/B
90°C / 600 VRMS
 
FT1
 
3) CE:
EU Low Voltage Directive 2014/35/EU
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) California Proposition 65:
This product may contain substances known to the State of
California to cause Cancer or Reproductive Harm, but is exempt
from labeling based on the Consent Judgement. See the Alpha
Wire website for more information.
Properties
Physical & Mechanical Properties
1) Temperature Range
-30 to 90°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
419 Lbs, Maximum
4) Sunlight Resistance
Yes
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
600 VRMS
2) Capacitance
40 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
72 pF/ft @1 kHz, Nominal
4) Inductance
0.19 μH/ft, Nominal
5) Conductor DCR
2.8 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
2.4 Ω/1000ft @20°C, Nominal
Other



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com