| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC68C94 bảng dữ liệu(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC68C94 bảng dữ liệu(HTML) 30 Page - NXP Semiconductors |
|
30 / 33 page ![]() Philips Semiconductors Product specification SC68C94 Quad universal asynchronous receiver/transmitter (QUART) 1995 May 1 30 D1 D2 D9 D10 D11 D12 D13 D3 RxD RECEIVER ENABLED RxRDY (SR0) FFULL (SR1) RxRDY/ RDN OVERRUN (SR4) RTS1 I/O1 NOTES; 1. TIMING SHOWN FOR MR1[7] = 1. 2. DEFAULT: I/O1 IS RTS AND IOPCR(5:4) ≠ 01 FFULL ISR(1) I/O1 = 1 or (CR[7:4] = 1010) RESET BY COMMAND D10 WILL BE LOST S D S D S D S D D2 D3 D10 D1 S = STATUS D = DATA D2 D10 WILL BE OVERWRITTEN BY D11, 12, ETC SD00176 Figure 14. Receiver Data Timing MASTER STATION TxD TRANSMITTER ENABLED TxRDY (SR2) CEN (WRITE] PERIPHERAL STATION RxD RECEIVER ENABLED RxRDY (SR0) RDN/WRN ADD#1 1 D0 0 ADD#2 1 BIT 9 BIT 9 BIT 9 BIT 9 BIT 9 BIT 9 BIT 9 BIT 9 MR1 [4:3] = 11 MR1 [2] = 1 ADD#1 MR1 [2] = 0 D0 MR1 [2] = 1 ADD#2 0 ADD#1 1 D0 0 ADD#2 1 0 MR1 [4:3] = 11 ADD#1 D0 S D S = STATUS D = DATA S D ADD#2 NOTE: TIMING SHOWN FOR FIFO POWER-UP DEFAULT SD00177 Figure 15. Wake-Up Mode |