công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPSM82813PVCAR bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện XPSM82813PVCAR
Giải thích chi tiết về linh kiện  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

XPSM82813PVCAR bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button XPSM82813PVCAR Datasheet HTML 19Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 20Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 21Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 22Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 23Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 24Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 25Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 26Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
VIN = 5V
RCF = 8.06kΩ
IOUT = 0.1A
VOUT = 1.8V
fEXT = 2.5MHz
Figure 9-32. Applying and Removing the
Synchronization Signal (PFM)
VIN = 5V
RCF = 8.06kΩ
IOUT = 1A
VOUT = 1.8V
fEXT = 2.5MHz
Figure 9-33. Applying and Removing the
Synchronization Signal (FPWM)
9.4 Power Supply Recommendations
The TPSM8281x device family has no special requirements for the input power supply. The output current of the
input power supply needs to be rated according to the supply voltage, output voltage, and output current of the
TPSM8281x.
9.5 Layout
9.5.1 Layout Guidelines
A proper layout is critical for the operation of any switched mode power supply, especially at high switching
frequencies. Therefore, the PCB layout of the TPSM8281x demands careful attention to ensure best
performance. A poor layout can lead to issues like bad line and load regulation, instability, increased EMI
radiation, and noise sensitivity. Refer to the Five Steps to a Great PCB Layout for a Step-Down Converter analog
design journal for a detailed discussion of general best practices. Specific recommendations for the device are
listed below.
• The input capacitor must be placed as close as possible to the VIN and GND pins of the device. This is the
most critical component placement. Route the input capacitor directly to the VIN and GND pins avoiding vias.
• Place the output capacitor ground close to the VOUT and GND pins and route it directly avoiding vias.
• Place the FB resistors, R1 and R2, and the feedforward capacitor CFF close to the FB pin and place CSS
close to the SS/TR pin to minimize noise pickup.
• Place the RCF resistor close to the COMP/FSET pin to minimize the parasitic capacitance.
• The recommended layout is implemented on the EVM and shown in the TPSM82810EVM-089 Evaluation
Module User's Guide and in Section 12.2.
• The recommended land pattern for the TPSM8281x is shown at the end of this data sheet. For best
manufacturing results, it is important to create the pads as solder mask defined (SMD), when some pins
(such as VIN, VOUT, and GND) are connected to large copper planes. Using SMD pads keeps each pad the
same size and avoids solder pulling the device during reflow.
www.ti.com
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com