công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPSM82813PVCAR bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện TPSM82813PVCAR
Giải thích chi tiết về linh kiện  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82813PVCAR bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button TPSM82813PVCAR Datasheet HTML 20Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 21Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 22Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 23Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 24Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 25Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 26Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 27Page - Texas Instruments TPSM82813PVCAR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
9.5.2 Layout Example
VIN
VOUT
GND
R1
CFF
Figure 9-34. Example Layout SIL Package
GND
VIN
GND
C
IN
C
OUT
C
SS
R
CF
C
FF
R
1
U1
SW
GND
VIN
VOUT
Figure 9-35. Example Layout VCA Package
9.5.2.1 Thermal Consideration
The TPSM8281x module temperature must be kept less than the maximum rating of 125°C. The following are
three basic approaches for enhancing thermal performance:
• Improve the power dissipation capability of the PCB design.
• Improve the thermal coupling of the component to the PCB.
• Introduce airflow into the system.
To estimate the approximate module temperature of the TPSM8281x, apply the typical efficiency stated in this
data sheet to the desired application condition to compute the power dissipation of the module. Then, calculate
the module temperature rise by multiplying the power dissipation by the thermal resistance. For more details on
how to use the thermal parameters in real applications, see the application notes: Thermal Characteristics of
Linear and Logic Packages Using JEDEC PCB Designs and Semiconductor and IC Package Thermal Metrics.
The thermal values in Section 6.4 used the recommended land pattern, shown at the end of this data sheet,
including the 18 vias as they are shown. The TPSM8281x was simulated on a PCB defined by JEDEC 51-7. The
9 vias on the GND pins were connected to copper on other PCB layers, while the remaining 9 vias were not
connected to other layers.
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com