công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP112B bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện TMP112B
Giải thích chi tiết về linh kiện  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112B bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button TMP112B Datasheet HTML 13Page - Texas Instruments TMP112B Datasheet HTML 14Page - Texas Instruments TMP112B Datasheet HTML 15Page - Texas Instruments TMP112B Datasheet HTML 16Page - Texas Instruments TMP112B Datasheet HTML 17Page - Texas Instruments TMP112B Datasheet HTML 18Page - Texas Instruments TMP112B Datasheet HTML 19Page - Texas Instruments TMP112B Datasheet HTML 20Page - Texas Instruments TMP112B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
the R/W bit low. Every write operation to the TMP112 family requires a value for the pointer register (see Figure
7-4).
When reading from the TMP112 family, the last value stored in the pointer register by a write operation is used
to determine which register is read by a read operation. To change the register pointer for a read operation, a
new value must be written to the pointer register. This action is accomplished by issuing a target-address byte
with the R/W bit low, followed by the pointer register byte. No additional data are required. The controller can
then generate a START condition and send the target address byte with the R/W bit high to initiate the read
command. See Figure 7-5 for details of this sequence. If repeated reads from the same register are desired,
continuously sending the pointer register bytes is not necessary because the TMP112 family retains the pointer
register value until the value is changed by the next write operation.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
7.3.2.4 Target Mode Operations
The TMP112 family can operate as a target receiver or target transmitter. As a target device, the TMP112 family
never drives the SCL line.
7.3.2.4.1 Target Receiver Mode
The first byte transmitted by the controller is the target address with the R/W bit low. The TMP112 family then
acknowledges reception of a valid address. The next byte transmitted by the controller is the pointer register.
The TMP112 family then acknowledges reception of the pointer register byte. The next byte or bytes are written
to the register addressed by the pointer register. The TMP112 family acknowledges reception of each data byte.
The controller can terminate data transfer by generating a START or STOP condition.
7.3.2.4.2 Target Transmitter Mode
The first byte transmitted by the controller is the target address with the R/W bit high. The target acknowledges
reception of a valid target address. The next byte is transmitted by the target and is the most significant byte of
the register indicated by the pointer register. The controller acknowledges reception of the data byte. The next
byte transmitted by the target is the least significant byte. The controller acknowledges reception of the data
byte. The controller can terminate data transfer by generating a not-acknowledge on reception of any data byte
or by generating a START or STOP condition.
7.3.2.5 SMBus Alert Function
The TMP112 family supports the SMBus alert function. When the TMP112 family operates in interrupt mode (TM
= 1), the ALERT pin can be connected as an SMBus alert signal (when the ALERT pin is available). Irrespective
of the availability of the ALERT pin, the alert status is set. When a controller senses that an alert condition is
present on the alert line, the controller sends an SMBus ALERT command (0001 1001) to the bus. If the ALERT
pin is active or the alert is set, the device acknowledges the SMBus ALERT command and responds by returning
the target address on the SDA line. The eighth bit (LSB) of the target address byte indicates if the alert condition
is caused by the temperature exceeding T(HIGH) or falling below T(LOW). The LSB is high if the temperature is
greater than T(HIGH), or low if the temperature is less than T(LOW). Refer to the Figure 7-6 section for details of
this sequence.
If multiple devices on the bus respond to the SMBus ALERT command, arbitration during the target address
portion of the SMBus ALERT command determines which device clears the alert status of that device. The
device with the lowest two-wire address wins the arbitration. If the TMP112 family wins the arbitration, the
TMP112 family ALERT pin becomes inactive and/or clears the status bit at the completion of the SMBus ALERT
command. If the TMP112 family loses the arbitration, the TMP112 family ALERT pin and/or the status bit remains
active.
7.3.2.6 General Call
The TMP112 family responds to a two-wire general-call address (0000 000) if the eighth bit is 0. The device
acknowledges the general-call address and responds to commands in the second byte. If the second byte is
0000 0110, the TMP112 family internal registers are reset to power-up values. The TMP112 family does not
support the general-address acquire command.
www.ti.com
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com