| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRGP4085DPBF bảng dữ liệu(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGP4085DPBF bảng dữ liệu(HTML) 7 Page - International Rectifier |
|
7 / 7 page ![]() IRGP4085DPbF www.irf.com 7 Data and specifications subject to change without notice. This product has been designed for the Industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.06/07 The specifications set forth in this data sheet are the sole and exclusive specifications applicable to the identified product, and no specifications or features are implied whether by industry custom, sampling or otherwise. We qualify our products in accordance with our internal practices and procedures, which by their nature do not include qualification to all possible or even all widely used applications. Without limitation, we have not qualified our product for medical use or applications involving hi-reliability applications. Customers are encouraged to and responsible for qualifying product to their own use and their own application environments, especially where particular features are critical to operational performance or safety. Please contact your IR representative if you have specific design or use requirements or for further information. TO-247AC package is not recommended for Surface Mount Application. TO-247AC Part Marking Information TO-247AC Package Outline Dimensions are shown in millimeters (inches) <($5 '$7( &2'( 3$57180%(5 ,17(51$7,21$/ /2*2 5(&7,),(5 $66(0%/< $%ÃÃÃÃÃÃÃÃÃÃÃ$& ,5)3( Ã "$C /,1(+ LQGLFDWHV /HDG)UHH :((. /27&2'( ,17+($66(0%/</,1( + $66(0%/(' 21:: 1RWH 3 LQ DVVHPEO\ OLQHSRVLWLRQ (;$03/( :,7+$66(0%/< 7+,6 ,6$1 ,5)3( /27&2'( Note: For the most current drawing please refer to IR website at http://www.irf.com/package/pkigbt.html |