| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRGP4065DPBF bảng dữ liệu(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGP4065DPBF bảng dữ liệu(HTML) 7 Page - International Rectifier |
|
7 / 7 page ![]() IRGP4065DPbF www.irf.com 7 Data and specifications subject to change without notice. This product has been designed for the Industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.06/06 The specifications set forth in this data sheet are the sole and exclusive specifications applicable to the identified product, and no specifications or features are implied whether by industry custom, sampling or otherwise. We qualify our products in accordance with our internal practices and procedures, which by their nature do not include qualification to all possible or even all widely used applications. Without limitation, we have not qualified our product for medical use or applications involving hi-reliability applications. Customers are encouraged to and responsible for qualifying product to their own use and their own application environments, especially where particular features are critical to operational performance or safety. Please contact your IR representative if you have specific design or use requirements or for further information. TO-247AC package is not recommended for Surface Mount Application. TO-247AC Part Marking Information TO-247AC Package Outline Dimensions are shown in millimeters (inches) YEAR 1 = 2001 DATE CODE PART NUMBER INTERNATIONAL LOGO RECTIFIER ASSEMBLY 56 57 IRFPE30 135H LINE H indicates "Lead-Free" WEEK 35 LOT CODE IN THE ASSEMBLY LINE "H" ASSEMBLED ON WW 35, 2001 Note: "P" in assembly line position EXAMPLE: WITH ASSEMBLY THIS IS AN IRFPE30 LOT CODE 5657 |