| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD74AC238M96 bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74AC238M96 bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 29 page ![]() www.ti.com EXAMPLE STENCIL DESIGN 16X (1.5) 16X (0.45) 14X (0.65) (5.8) (R0.05) TYP TSSOP - 1.2 mm max height PW0016A SMALL OUTLINE PACKAGE 4220204/A 02/2017 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL SCALE: 10X SYMM SYMM 1 8 9 16 |