| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P2 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
|
1 / 164 page ![]() AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package 1 Features Processor Cores: • Single, dual, and quad-core Arm® Cortex®-R5F MCU with each core running up to 400MHz – 16KB I-cache with 64-bit ECC per CPU core – 16KB D-cache with 32-bit ECC per CPU core – x256 integrated VIM per CPU Core – 256KB Tightly-Coupled Memory (TCM) with 32- bit ECC per CPU core cluster – Lockstep or Dual-core capable clusters • Trigonometric Math Unit (TMU) for accelerating trigonometric functions – Up to 4x, one per R5F MCU core Memory: • 1x Flash Subsystem with OptiFlash memory technology and eXecute In Place (XIP) support – 1x Octal Serial Peripheral Interface (OSPI), up to 133MHz SDR and DDR – AM263P Flash-in-Package (ZCZ_F) variant includes 8MB OSPI Flash • 3MB of On-Chip RAM (OCSRAM) – 6 Banks x 512KB – ECC error protection – Internal DMA engine support – Remote L2 Cache for external memory, software programmable up to 128KB per CPU core System on Chip (SoC) Services and Architecture: • 1x EDMA to support data movement functions – 2x Transfer Controllers (TPTC) – 1x Channel Controller (TPCC) • Device Boot supported from the following interfaces: – UART (Primary/Backup) – QSPI NOR Flash (4S/1S) (Primary) – OSPI NOR Flash (8S 50MHz SDR Mode0, 8S 25MHz DDR XSPI) (Primary) • Interprocessor communication modules – SPINLOCK module for synchronizing processes running on multiple cores – MAILBOX functionality implemented through CTRLMMR registers • Central Platform Time Sync (CPTS) support with time-sync and compare-event interrupt routers • Timer Modules: – 4x Windowed Watchdog Timer (WWDT) – 8x Real Time Interrupt (RTI) timer General Connectivity: • 6x Universal Asynchronous RX-TX (UART) • 8x Serial Peripheral Interface (SPI) controllers • 5x Local Interconnect Network (LIN) ports • 4x Inter-Integrated Circuit (I2C) ports • 8x Modular Controller Area Network (MCAN) modules with CAN-FD support • 4x Fast Serial Interface Transmitters (FSITX) • 4x Fast Serial Interface Receivers (FSIRX) • Up to 139 General-Purpose I/O (GPIO) pins Sensing & Actuation: • Real-time Control Subsystem (CONTROLSS) • Flexible Input/Output Crossbars (XBAR) • 5x 12-bit Analog-to-Digital Converters (ADC) – 6-input SAR ADC up to 4MSPS • 6x Single-ended channels OR • 3x Differential channels – Highly Configurable ADC Digital Logic • XBAR Start of Conversion Triggers (SOC) • User-defined Sample and Hold (S+H) • Flexible Post-Processing Blocks (PPB) • 1x Resolver subsystem (ZCZ-S and ZCZ-F packages) with: – 2x Resolver to Digital Converter (RDC) OR – 2x 12-bit ADCs can also be used for general purpose • 4-input SAR ADC up to 3MSPS – 4x Single-ended channels OR – 2x Differential channels • 10x Analog Comparators with Type-A programmable DAC reference (CMPSSA) • 10x Analog Comparators with Type-B programmable DAC reference (CMPSSB) • 1x 12-bit Digital-to-Analog Converter (DAC) • 32x Pulse Width Modulation (EPWM) modules – Single or Dual PWM channels – Advanced PWM Configurations – Extended HRPWM time resolution • 16x Enhanced Capture (ECAP) modules • 3x Enhanced Quadrature Encoder Pulse (EQEP) modules • 2x 4-Ch Sigma-Delta Filter Modules (SDFM) • Additional Signal-multiplex Crossbars (XBAR) AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Số phần tương tự - AM263P2 |
|
Mô tả tương tự - AM263P2 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |