công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST26VF032B bảng dữ liệu(PDF) 37 Page - Microchip Technology

tên linh kiện SST26VF032B
Giải thích chi tiết về linh kiện  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B bảng dữ liệu(HTML) 37 Page - Microchip Technology

Back Button SST26VF032B Datasheet HTML 33Page - Microchip Technology SST26VF032B Datasheet HTML 34Page - Microchip Technology SST26VF032B Datasheet HTML 35Page - Microchip Technology SST26VF032B Datasheet HTML 36Page - Microchip Technology SST26VF032B Datasheet HTML 37Page - Microchip Technology SST26VF032B Datasheet HTML 38Page - Microchip Technology SST26VF032B Datasheet HTML 39Page - Microchip Technology SST26VF032B Datasheet HTML 40Page - Microchip Technology SST26VF032B Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 37
SST26VF032B/SST26VF032BA
5.35
Lock-Down Block Protection
Register (LBPR)
The Lock-Down Block Protection Register instruction
prevents changes to the Block Protection register
during device operation. Lock-Down resets after power
cycling; this allows the Block Protection register to be
changed. Execute WREN before initiating the Lock-
Down Block Protection Register instruction.
To execute a Lock-Down Block Protection Register, the
host drives CE# low, then sends the Lock-Down Block
Protection Register command cycle (8DH), then drives
CE# high.
FIGURE 5-40:
LOCK-DOWN BLOCK PROTECTION REGISTER (SQI)
FIGURE 5-41:
LOCK-DOWN BLOCK PROTECTION REGISTER (SPI)
Note:
C[1:0]=8DH
MODE 3
0
1
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
MODE 3
0
1
SCK
SIO0
CE#
MODE 0
234567
8D
SIO[3:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82