công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFE9220 bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRFE9220
Giải thích chi tiết về linh kiện  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRFE9220 bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRFE9220 Datasheet HTML 1Page - International Rectifier IRFE9220 Datasheet HTML 2Page - International Rectifier IRFE9220 Datasheet HTML 3Page - International Rectifier IRFE9220 Datasheet HTML 4Page - International Rectifier IRFE9220 Datasheet HTML 5Page - International Rectifier IRFE9220 Datasheet HTML 6Page - International Rectifier IRFE9220 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFE9220
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction to Case
—
—
9.1
RthJ-PCB
Junction to PC Board
—
—
26"""
Soldered to a copper clad PC board
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
-2.1
ISM
Pulse Source Current (Body Diode) ➀
—
—
-8.4
VSD
Diode Forward Voltage
—
—
-4.8
V
Tj = 25°C, IS = -2.1A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
3 0 0
nS
Tj = 25°C, IF = -2.1A, di/dt ≤-100A/µs
QRR
Reverse Recovery Charge
—
—
3.0
µc
VDD ≤ -50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-200
—
—
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
-0.22
—
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
1.5
VGS = -10V, ID = -1.5A➃
Resistance
—
—
1.725
VGS = -10V, ID = -2.1A ➃
VGS(th)
Gate Threshold Voltage
-2.0
—
- 4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.0
—
—
S ( )
VDS > -15V, IDS =-1.5A➃
IDSS
Zero Gate Voltage Drain Current
—
—
-25
VDS= -160V, VGS= 0V
—
—
-250
VDS =-160V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
-100
VGS =-20V
IGSS
Gate-to-Source Leakage Reverse
—
—
1 0 0
VGS =20V
Qg
Total Gate Charge
—
—
1 5
VGS =-10V, ID= -2.1A
Qgs
Gate-to-Source Charge
—
—
3.2
nC
VDS =-100V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
8.4
td(on)
Turn-On Delay Time
—
—
5 0
VDD =-100V, ID = -2.1A,
t r
Rise Time
—
—
7 0
RG =7.5Ω
td(off)
Turn-Off Delay Time
—
—
4 0
tf
Fall Time
—
—
5 0
LS + LD
Total Inductance
—
6.1
—
Ciss
Input Capacitance
—
3 3 0
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
1 0 0
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
3 3
—
nA
nH
ns
µA
Ω
Measured from the center of
drain pad to center of source
pad



Html Pages

1 2 3 4 5 6 7