công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP60713 bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP60713
Giải thích chi tiết về linh kiện  10 MHz Precision Op Amps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP60713 bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP60713 Datasheet HTML 1Page - Microchip Technology MCP60713 Datasheet HTML 2Page - Microchip Technology MCP60713 Datasheet HTML 3Page - Microchip Technology MCP60713 Datasheet HTML 4Page - Microchip Technology MCP60713 Datasheet HTML 5Page - Microchip Technology MCP60713 Datasheet HTML 6Page - Microchip Technology MCP60713 Datasheet HTML 7Page - Microchip Technology MCP60713 Datasheet HTML 8Page - Microchip Technology MCP60713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
 2024 Microchip Technology Inc. and its subsidiaries
DS20006870A-page 5
MCP60711/1U/3
Power Up/Down
POR Off Time
tPRHL
—1
—
µs
VL =0V, VDD = 2.2V to VPHL – 0.1V step,
90% of VOUT change
POR On Time
tPRLH
—1
—
VL =0V, VDD = 0V to VPLH + 0.1V step,
90% of VOUT change
VOUT Power On Time
(VDD ↑)
tPON
—22
—
VDD = 0V to 3.5V, VCM =0V, VL =0V, GN = 1, 90% of VOUT
change, SHDN is low
—52
—
VDD = 0V to 3.5V, VCM =0V, VL =0V, GN = 1, 90% of VOUT
change, SHDN is low, TA = -40°C
VOUT Power Off Time
(VDD ↓)
tPOFF
—0.2
—
VDD = 3.5V to 0V, VCM =0V, VL =0V, GN = 1, 90% of VOUT
change, SHDN is low
IQ Power On Time
(VDD ↑)
tPONIQ
—21
—
VDD = 0V to 3.5V, VCM =0V, VL =0V, GN = 1, 90% of IQ
change, SHDN is low
—58
—
VDD = 0V to 3.5V, VCM =0V, VL =0V, GN = 1, 90% of IQ
change, SHDN is low, TA = -40°C
IQ Power Off Time
(VDD ↓)
tPOFFIQ
—0.2
—
VDD = 3.5V to 0V, VCM =0V, VL =0V, GN = 1, 90% of IQ
change, SHDN is low
Trim Power On Time
(VDD ↑) (Note 2)
tPON_TR
—
235
285
Singles, VDD = 0V to 3.5V, VCM =0V, GN =1,
all trims to 100% (time when IDD changes from ≥ IQ_TR to
≥ IQ), SHDN is disabled until after this time
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VDD = 3.5V, VSS = GND, VCM = 0.1V, VOUT =VDD/2,
VL =VDD/2, RL =5kΩ to VL and CL = 30 pF; see Figure 1-7.
Parameters
Sym.
Min. Typ. Max. Units
Conditions
Note 1: tODR includes some uncertainty due to clock edge timing.
2: The POR must be on for the time tPON_TR before SHDN function is enabled; it is disabled when the POR is off.
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = 2.2V to 5.5V and VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
-40
—
+150
(Note 1)
Storage Temperature Range
-65
—
+150
Powered off
Thermal Package Resistances
Thermal Resistance, 5L-SC70
JA
—
209
—
°C/W
Thermal Resistance, 5L-SOT-23
—
201
—
Thermal Resistance, 6L-SOT-23
—
191
—
Note 1:
Operation must not cause TJ to exceed the Absolute Maximum Junction Temperature Rating (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com