công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECC204-RBVCZ-T bảng dữ liệu(PDF) 21 Page - Microchip Technology

tên linh kiện ECC204-RBVCZ-T
Giải thích chi tiết về linh kiện  ECC204 CryptoAuthentication™ Summary Data Sheet
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECC204-RBVCZ-T bảng dữ liệu(HTML) 21 Page - Microchip Technology

Back Button ECC204-RBVCZ-T Datasheet HTML 17Page - Microchip Technology ECC204-RBVCZ-T Datasheet HTML 18Page - Microchip Technology ECC204-RBVCZ-T Datasheet HTML 19Page - Microchip Technology ECC204-RBVCZ-T Datasheet HTML 20Page - Microchip Technology ECC204-RBVCZ-T Datasheet HTML 21Page - Microchip Technology ECC204-RBVCZ-T Datasheet HTML 22Page - Microchip Technology ECC204-RBVCZ-T Datasheet HTML 23Page - Microchip Technology ECC204-RBVCZ-T Datasheet HTML 24Page - Microchip Technology ECC204-RBVCZ-T Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ECC204
Package Drawings
© 2023 Microchip Technology Inc.
and its subsidiaries
Summary Data Sheet
DS40002436A-page 21
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2017 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-21303 Rev A Sheet 2 of 2
3-Lead Contact Package (LAB) - 6.54x2.5 mm Body [Contact]
Atmel Legacy Global Package Code RHB
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Pitch
Standoff
Units
Dimension Limits
A1
A
b
e
L
E
N
2.00 BSC
2.10
1.60
0.45
0.00
1.70
2.20
0.50
0.02
2.50 BSC
MILLIMETERS
MIN
NOM
3
2.30
1.80
0.55
0.05
MAX
K
0.30 REF
Terminal-to-Terminal Spacing
Overall Length
D
6.50 BSC
f
0.40
0.30
0.50
Package Edge to Terminal Edge
g
0.15
0.05
0.25
Package Edge to Terminal Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27