| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAB9079 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAB9079 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 48 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... MGS386 SAB9079HS I2C-BUS CONTROL CLAMP AND ADC VDRAM CONTROL AND (RE-)FORMATTING SY 105 SU 103 SV 101 PLL AND CLOCK GENERATOR Vbias(SA) 104 Vref(T)(SA) 107 Vref(B)(SA) 106 CLAMP AND ADC MY 126 MU 128 MV 2 PLL AND CLOCK GENERATOR PLL AND CLOCK GENERATOR HORIZONTAL AND VERTICAL FILTER LINE MEMORY HORIZONTAL AND VERTICAL FILTER DAC AND BUFFER DISPLAY CONTROL LINE MEMORY LINE MEMORY TEST CONTROL MHSYNC 9 DVSYNC MVSYNC 21 n.c. 84 DFB 19 Vref(T)(DA) 25 Vref(B)(DA) 26 Vbias(DA) 28 DV 29 DU 27 DY 24 DHSYNC 20 8 SHSYNC 94 SVSYNC 95 Vbias(MA) 127 Vref(T)(MA) 124 125 Vref(B)(MA) 111 114 TCBR A0 110 115 TCBD SDA 97 112 116 TCBC SCL 117 TSMSB POR 121 TM0 120 TM2 119 TM1 118 TC 7 TMCLK 15, 18, 22, 85, 88, 109, 122 VDDD(C1) to VDDD(C7) 16, 17, 23, 86, 87, 108, 123 VSSD(C1) to VSSD(C7) 13, 47, 63, 75, 90 VSSD(P1) to VSSD(P5) 14, 48, 62, 76, 89 VDDD(P1) to VDDD(P5) 98 TSEXT 78 70 77 40 51 SC 79 to 83, 74 to 71 AD8 to AD0 41 to 46, 49, 50, 69, 67, 65, 61, 59, 57, 55, 53 DAO0 to DAO15 39 to 32, 68, 66, 64, 60, 58, 56, 54, 52 DAI0 to DAI15 30 VSSA(DA) 31 VDDA(DA) 113 VDDD(P) 1 VDDA(MF) 3 VSSA(MA) 4 VDDA(MA) 10 VDDA(MP) 11 VSSA(MP) 12 VDDA(MH) 99 VDDA(SA) 100 VSSA(SA) 102 VDDA(SF) 91 VDDA(SH) 92 VSSA(SP) 93 VDDA(SP) 6 TMMSB 5 TMEXT 96 TSCLK CAS WE RAS DT Fig.1 Block diagram. |