công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAA7740 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện SAA7740
Giải thích chi tiết về linh kiện  Digital Audio Processing IC DAPIC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7740 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button SAA7740 Datasheet HTML 5Page - NXP Semiconductors SAA7740 Datasheet HTML 6Page - NXP Semiconductors SAA7740 Datasheet HTML 7Page - NXP Semiconductors SAA7740 Datasheet HTML 8Page - NXP Semiconductors SAA7740 Datasheet HTML 9Page - NXP Semiconductors SAA7740 Datasheet HTML 10Page - NXP Semiconductors SAA7740 Datasheet HTML 11Page - NXP Semiconductors SAA7740 Datasheet HTML 12Page - NXP Semiconductors SAA7740 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1997 May 30
9
Philips Semiconductors
Product specification
Digital Audio Processing IC (DAPIC)
SAA7740H
DUAL-FILTER MODE
In the dual-filter mode one mono signal is accepted
(see Fig.5) The input can be selected from either one of
the 2 stereo inputs (from the left or right input channel).
DC filtering is performed at the input before further
processing. Two separate corrections, in parallel, can be
performed by means of an 8-band graphic equalizer.
16 poles and 16 zeros can be selected arbitrarily from the
Z-domain. At the output, one of the channels can be
delayed internally by the DAPIC. The two corrected
outputs can be added to either one of the two stereo
outputs.
The application for this mode is in loudspeaker correction.
Fig.5 Dual filter mode.
handbook, full pagewidth
MLC153
SWITCHES
DC
FILTERS
16 POLE/ZERO
CORRECTION
FILTER
SWITCHES
16 POLE/ZERO
CORRECTION
FILTER
FIXED
DELAY
11 SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28