công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PQ030EZ5MZP bảng dữ liệu(PDF) 1 Page - Sharp Corporation

tên linh kiện PQ030EZ5MZP
Giải thích chi tiết về linh kiện  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ030EZ5MZP bảng dữ liệu(HTML) 1 Page - Sharp Corporation

  PQ030EZ5MZP Datasheet HTML 1Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 2Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 8Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
s Outline Dimensions
(Unit : mm)
s Features
q
Low voltage operation (Minimum operating voltage: 2.35V)
2.5V input
→ available 1.5 to 1.8V
q
Low dissipation current
Dissipation current at no load : MAX. 2mA
Output OFF-state dissipation current: MAX. 5µA
q
Built-in overcurrent protection and overheat protection
functions
s Applications
q
Peripheral equipment of personal computers
q
Power supplies for various electronic equipment such as
DVD player or STB
s Model Line-up
•Please refer to the chapter " Handling Precautions ".
s Absolute Maximum Ratings
Output voltage (VO)
1.8V
1.5V
2.5V
Package
type
Taping
Sleeve
Taping
Sleeve
0.5A
1A
PQ015EZ01ZZ
PQ015EZ01ZP
PQ015EZ5MZZ
PQ015EZ5MZP
PQ018EZ01ZZ
PQ018EZ01ZP
PQ018EZ5MZZ
PQ018EZ5MZP
PQ030EZ01ZZ
PQ030EZ01ZP
PQ030EZ5MZZ
PQ030EZ5MZP
PQ033EZ01ZZ
PQ033EZ01ZP
PQ033EZ5MZZ
PQ033EZ5MZP
PQ025EZ01ZZ
PQ025EZ01ZP
PQ025EZ5MZZ
PQ025EZ5MZP
Output
current (IO)
3.3V
3V
Taping
Sleeve
Taping
Sleeve
0.5A
1A
Parameter
Symbol
Rating
Unit
Input voltage
10
V
V
10
150
˚C
−40 to +85
˚C
Junction temperature
VIN
ON/OFF control terminal voltage
VC
0.5
A
Output
current
PQxxxEZ5MZ Series
1
PQxxxEZ01Z Series
IO
Tj
(Ta
=25°C)
Operating temperature
Storage temperature
Soldering temperature
Topr
−40 to +150
˚C
Tstg
260 (10s)
˚C
Tsol
❇1
❇3
Power dissipation
❇2
❇1 All are open except GND and applicable terminals.
❇2 PD:With infinite heat sink
❇3 Overheat protection may operate at Tj
=125˚C to 150˚C
8W
PD
(
) : Typical dimensions
0.5
+0.2
–0.1
Epoxy resin
(0.5)
(0.5)
(0 to 0.25)
6.6
MAX.
5.2±
0.5
2.3±
0.5
4–(1.27)
015EZ5M
3
1
2
3
4
5
DC input (VIN)
ON/OFF control terminal (VC)
DC output (VO)
NC
GND
1
2
3
4
5
1
2
3
5
Specific IC
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Số phần tương tự - PQ030EZ5MZP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
PQ030EZ5MZP SHARP-PQ030EZ5MZP Datasheet
128Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ030EZ5MZPH SHARP-PQ030EZ5MZPH Datasheet
262Kb / 10P
Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Mô tả tương tự - PQ030EZ5MZP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com