công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAA7282ZP bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện SAA7282ZP
Giải thích chi tiết về linh kiện  Terrestrial Digital Sound Decoder TDSD2
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7282ZP bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button SAA7282ZP Datasheet HTML 3Page - NXP Semiconductors SAA7282ZP Datasheet HTML 4Page - NXP Semiconductors SAA7282ZP Datasheet HTML 5Page - NXP Semiconductors SAA7282ZP Datasheet HTML 6Page - NXP Semiconductors SAA7282ZP Datasheet HTML 7Page - NXP Semiconductors SAA7282ZP Datasheet HTML 8Page - NXP Semiconductors SAA7282ZP Datasheet HTML 9Page - NXP Semiconductors SAA7282ZP Datasheet HTML 10Page - NXP Semiconductors SAA7282ZP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
July 1993
7
Philips Semiconductors
Product specification
Terrestrial Digital Sound Decoder (TDSD2)
SAA7282
I2C-BUS FORMATS
The SAA7282 contains an I2C-bus slave transceiver permitting a master device to:
• Read decoder status information derived from the transmitted digital audio signal
• Read an error count byte to determine the bit error rate for user mute purposes and to indicate quality of NICAM signal
• Read additional transmitted data bits. Their purpose has yet to be defined but accessibility is provided to allow future
services to be implemented in receiver software
• Write control codes to select the available analog switching configurations
• Write upper and lower error count limits for automatic muting function
The device slave address is A(7:1)(R/W) = 101101X(R/W). An ADSEL pin is provided to allow selection of one of two
different slave addresses via programmable address bit A1. (X = ADSEL logic level).
The SAA7282 does not acknowledge the I2C-bus general call address.
The slave receiver format is:
S SLAVE_ADDR.0 ACK SUB_ADDR ACK DATA BYTE ACK P
<−n bytes−>
Where S = start, ACK = acknowledge, P = stop.
Auto-increment of the sub-address is provided with wrap-around from 02 (HEX) to 00 (HEX).
The slave receiver data byte format, as a function of sub-address, is as shown in Table 1.
Table 1
Slave receiver data byte.
M1/M2
This bit in conjunction with DMSEL bit, determines the output configuration in dual mono mode (see Table 2).
Power-on resets to logic 1.
DMSEL
This bit determines whether one or both of the dual mono signals are output (see Table 2). Power-on resets to logic 0.
PORT2
PORT2 controls a bit out, providing direct access to a dedicated output pin (PORT2) via the I2C-bus. See Table 3.
Power-on resets to logic 0.
SSWIT3/2/1
These bits control the analog switching, selecting between the FM, external, and NICAM signals. With the NICAM source
the signals select whether the de-emphasis is performed and what gain is applied after the filtering and de-emphasis
stage. The signal states and their meaning are listed in Table 4. Power-on resets to 0/1/0.
SUB-
ADDRESS
RESET
VALUE
HEX
D7
D6
D5
D4
D3
D2
D1
D0
00
90
M1/M2
DMSEL
SSWIT3
SSWIT2
SSWIT1
PORT2
MUTEDEF
AMDIS
01
50
EMAX7
EMAX6
EMAX5
EMAX4
EMAX3
EMAX2
EMAX1
EMAX0
10
14
EMIN7
EMIN6
EMIN5
EMIN4
EMIN3
EMIN2
EMIN1
EMIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25