công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFSC5G26F38 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện AFSC5G26F38
Giải thích chi tiết về linh kiện  Airfast Power Amplifier Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G26F38 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button AFSC5G26F38 Datasheet HTML 3Page - NXP Semiconductors AFSC5G26F38 Datasheet HTML 4Page - NXP Semiconductors AFSC5G26F38 Datasheet HTML 5Page - NXP Semiconductors AFSC5G26F38 Datasheet HTML 6Page - NXP Semiconductors AFSC5G26F38 Datasheet HTML 7Page - NXP Semiconductors AFSC5G26F38 Datasheet HTML 8Page - NXP Semiconductors AFSC5G26F38 Datasheet HTML 9Page - NXP Semiconductors AFSC5G26F38 Datasheet HTML 10Page - NXP Semiconductors AFSC5G26F38 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NXP Semiconductors
AFSC5G26F38
Airfast Power Amplifier Module
Rev. 3 — 14 June 2024
All information provided in this document is subject to legal disclaimers.
Product data sheet
7 / 18
AFSC5G26F38
E 2024 NXP B.V. All rights reserved.
9.4 Typical performance
Table 11. Typical Performance (1)
(In NXP Doherty Power Amplifier Module Reference Circuit, TA = 25°C unless otherwise noted, 50 ohm system) VDD = 30 Vdc,
IDQ1A = 12 mA, IDQ2A = 48 mA, VGSP1 = 1.51 Vdc, VGSP2 = 1.35 Vdc, Pout = 7 W Avg., 2600 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
VBW Resonance Point, 2−tone, 1 MHz Tone Spacing
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
260
—
MHz
Quiescent Current Accuracy over Temperature (2)
with 2.2 kΩ Gate Feed Resistors (–40 to 85°C) Stage 1
with 2.2 kΩ Gate Feed Resistors (–40 to 85°C) Stage 2
ΔIQT
—
—
1.0
2.0
—
—
%
1−carrier 20 MHz LTE, 8 dB Input Signal PAR
Gain
G
—
35.1
—
dB
Power Added Efficiency
PAE
—
46.1
—
%
Adjacent Channel Power Ratio
ACPR
—
–28.9
—
dBc
Adjacent Channel Power Ratio
ALT1
—
–40.4
—
dBc
Adjacent Channel Power Ratio
ALT2
—
–49.4
—
dBc
Gain Flatness (3)
GF
—
1.1
—
dB
Fast CW, 27 ms Sweep
Pout @ 3 dB Compression Point
P3dB
—
46.8
—
dBm
AM/PM @ P3dB
Φ
—
–37
—
°
Gain Variation @ Avg. Power over Temperature
(–40°C to +105°C)
ΔG
—
0.049
—
dB/°C
P3dB Variation over Temperature
(–40°C to +105°C)
ΔP3dB
—
0.015
—
dB/°C
10 Ordering information
Table 12. Ordering Information
Device
Tape and Reel Information
Package
AFSC5G26F38T2
T2 Suffix = 2,000 Units, 24 mm Tape Width, 13−inch Reel
10 mm × 6 mm Module
1. All data measured in fixture with device soldered in NXP reference circuit.
2. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current
Control for the RF Integrated Circuit Device Family. Go to http://www.nxp.com/RF and search for AN1977 or AN1987.
3. Gain flatness = Max(G(fLow to fHigh)) – Min(G(fLow to fHigh))
Document feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com