| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPX2815 bảng dữ liệu(PDF) 9 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SPX2815 bảng dữ liệu(HTML) 9 Page - Sipex Corporation |
|
9 / 10 page ![]() 9 Date: 6/21/06 Rev C SPX2815 1.5A Low Dropout Voltage Regulator © 2006 Sipex Corporation PART NUMBERS ACC. TOP MARK OUTPUT VOLTAGE PACKAGE SPX2815AR ............................. 1% .......... SPX2815ARYYWW..............Adj .................. 3 lead TO-252 SPX2815AR/TR ....................... 1% .......... SPX2815ARYYWW..............Adj .................. 3 lead TO-252 SPX2815AR-2-5 ...................... 1% ......... SPX2815AR25YYWW...........2.5V ................ 3 lead TO-252 SPX2815AR-2-5/TR ................. 1% ......... SPX2815AR25YYWW...........2.5V ................ 3 lead TO-252 SPX2815AR-3-3 ...................... 1% ......... SPX2815AR33YYWW...........3.3V ................ 3 lead TO-252 SPX2815AR-3-3/TR ................. 1% ......... SPX2815AR33YYWW...........3.3V ................ 3 lead TO-252 SPX2815AR-5-0 ...................... 1% ......... SPX2815AR50YYWW...........5.0V ................ 3 lead TO-252 SPX2815AR-5-0/TR ................. 1% ......... SPX2815AR50YYWW...........5.0V ................ 3 lead TO-252 SPX2815AT ............................. 1% ........... SPX2815ATYYWW..............Adj .................. 3 lead TO-263 SPX2815AT/TR ....................... 1% ........... SPX2815ATYYWW..............Adj .................. 3 lead TO-263 SPX2815AT-2-5 ....................... 1% ......... SPX2815AT25YYWW...........2.5V ................ 3 lead TO-263 SPX2815AT-2-5/TR ................. 1% ......... SPX2815AT25YYWW...........2.5V ................ 3 lead TO-263 SPX2815AT-3-3 ....................... 1% ......... SPX2815AT33YYWW...........3.3V ................ 3 lead TO-263 SPX2815AT-3-3/TR ................. 1% ......... SPX2815AT33YYWW...........3.3V ................ 3 lead TO-263 SPX2815AT-5-0 ....................... 1% ......... SPX2815AT50YYWW...........5.0V ................ 3 lead TO-263 SPX2815AT-5-0/TR ................. 1% ......... SPX2815AT50YYWW...........5.0V ................ 3 lead TO-263 SPX2815AU ............................. 1% .......... SPX2815AUYYWW..............Adj .................. 3 lead TO-220 SPX2815AU-2-5 ...................... 1% ......... SPX2815AU25YYWW...........2.5V ................ 3 lead TO-220 SPX2815AU-3-3 ...................... 1% ......... SPX2815AU33YYWW...........3.3V ................ 3 lead TO-220 SPX2815AU-5-0 ...................... 1% ......... SPX2815AU50YYWW...........5.0V ................ 3 lead TO-220 ORDERING INFORMATION Available in lead free packaging. To order add “-L” suffix to part number. Example: SPX2815AU-5-0 = standard; SPX2815AU-L -5-0/TR = lead free. Pack quantity is 500 for TO-263 and 2,000 for TO-252. /TR = Tape and Reel Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 Solved By Sipex TM Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. |