| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAA5264PS/M3 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA5264PS/M3 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 24 page ![]() 2000 Jan 27 3 Philips Semiconductors Preliminary specification 10 and 1 page intelligent teletext decoders SAA5264; SAA5265 ORDERING INFORMATION Note 1. ‘nnnn’ is a unique four digit number denoting the software version. QUICK REFERENCE DATA Note 1. Periphery supply current is dependent on external components and I/O voltage levels. TYPE NUMBER(1) PACKAGE NAME DESCRIPTION VERSION SAA5264PS/M3/nnnn SDIP52 plastic shrink dual-in-line package; 52 leads (600 mil) SOT247-1 SAA5265PS/M4/nnnn SDIP52 plastic shrink dual-in-line package; 52 leads (600 mil) SOT247-1 SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT VDDX all supply voltages referenced to VSS 3.0 3.3 3.6 V IDDP periphery supply current note 1 1 −− mA IDDC core supply current normal mode − 15 18 mA idle mode − 4.6 6 mA IDDA analog supply current normal mode − 45 48 mA idle mode − 0.87 1 mA fxtal(nom) nominal crystal frequency fundamental mode − 12 − MHz Tamb ambient temperature −20 − +70 °C Tstg storage temperature −55 − +125 °C |