| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP7680EB bảng dữ liệu(PDF) 4 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP7680EB bảng dữ liệu(HTML) 4 Page - Sipex Corporation |
|
4 / 16 page ![]() June 21-07 revH SP7680: Complete Backlight Solution 2007 Sipex Corporation Page 4 TIMING CHARACTERISTICS Note 3: Power-up time from Shutdown START ADDRESS A STATUS A CNTRL A MAIN A SUB A AUX A STOP I 2C data input 5% Power-up time (Softstart time) VOUT Drivers ON IOUT 1x mode 1.5x mode 1x mode Note 4: Soft Start Interval (within 1x Mode) START ADDRESS A STATUS A CNTRL A MAIN A SUB A AUX A STOP I 2C data input (Final state) Soft Start Interval within 1X mode The softstart interval within 1x mode: After mode changes from Standby to Active, the time from the rising edge of “STATUS” acknowledge bit to the point where the ILED is within 5% of its final value at full load. This softstart is tested with VIN = 4.0V to ensure 1x mode. 5% Output Current within 5% of final value ILED Note 5: Soft Start Interval (Transition 1x to 1.5x Mode) START ADDRESS A STATUS A CNTRL A MAIN A SUB A AUX A STOP I2C data input (Final state) Soft Start Interval within 1.5X mode The softstart interval from 1x to 1.5x mode: After mode changing from 1x mode to 1.5x mode, the time from the rising edge of “CNTRL” acknowledge bit to the point where VOUT is within 5% of its final value at full load. This is the measurement to know the boosting time of the charge pump at full load current. In this case, it is easier to measure VOUT than IOUT. Softstart is tested with VIN = 3.4V to force a mode transition. 5% Mode of charge pump changes from 1x mode to 1.5x mode at the full load. VOUT 1x mode 1.5x mode |