công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP7650 bảng dữ liệu(PDF) 16 Page - Sipex Corporation

tên linh kiện SP7650
Giải thích chi tiết về linh kiện  Wide Input Voltage Range 3A, 300kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7650 bảng dữ liệu(HTML) 16 Page - Sipex Corporation

Back Button SP7650_06 Datasheet HTML 8Page - Sipex Corporation SP7650_06 Datasheet HTML 9Page - Sipex Corporation SP7650_06 Datasheet HTML 10Page - Sipex Corporation SP7650_06 Datasheet HTML 11Page - Sipex Corporation SP7650_06 Datasheet HTML 12Page - Sipex Corporation SP7650_06 Datasheet HTML 13Page - Sipex Corporation SP7650_06 Datasheet HTML 14Page - Sipex Corporation SP7650_06 Datasheet HTML 15Page - Sipex Corporation SP7650_06 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
6
Date: /5/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
16
Date: 2/16/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
Part Number
Temperature
Package
SP7650ER .................................................-40°C to +85°C ................................. 26 Pin 7 X 4 DFN
SP7650ER-L ..............................................-40°C to +85°C ............. (Lead Free) 26 Pin 7 X 4 DFN
SP7650ER/TR ...........................................-40°C to +85°C ................................. 26 Pin 7 X 4 DFN
SP7650ER-L/TR ........................................-40°C to +85°C ............. (Lead Free) 26 Pin 7 X 4 DFN
Bulk Pack minimum quantity is 500.
/TR = Tape and Reel. Pack quantity is 3,000 DFN.
Solved By SipexTM
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Solved by Sipex
tm
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 5035
TEL: (0) 3-7500
FAX: (0) 35-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com