công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP6652EU-L/TR bảng dữ liệu(PDF) 10 Page - Sipex Corporation

tên linh kiện SP6652EU-L/TR
Giải thích chi tiết về linh kiện  1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652EU-L/TR bảng dữ liệu(HTML) 10 Page - Sipex Corporation

Back Button SP6652EU-L/TR Datasheet HTML 6Page - Sipex Corporation SP6652EU-L/TR Datasheet HTML 7Page - Sipex Corporation SP6652EU-L/TR Datasheet HTML 8Page - Sipex Corporation SP6652EU-L/TR Datasheet HTML 9Page - Sipex Corporation SP6652EU-L/TR Datasheet HTML 10Page - Sipex Corporation SP6652EU-L/TR Datasheet HTML 11Page - Sipex Corporation SP6652EU-L/TR Datasheet HTML 12Page - Sipex Corporation SP6652EU-L/TR Datasheet HTML 13Page - Sipex Corporation SP6652EU-L/TR Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
0
May25-07 RevH
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
APPLICATIONS INFORMATION
Figure 4. Typical SP6652 circuit layout.
over frequency fzero = 80kHz (from the
Bode plot) divided by the loop gain band-
width, given as 20kHz, which is used in the
following equation:
Error Amp Gain
= fzero / (loop gain bandwidth)
= 80kHz / 20kHz
= 4
The error amp transconductance is about
1mS, so this sets the RZ resistor to be:
Rz = 4/1mS = 4KΩ
We will use RZ = 4KΩ for the 3.3V output
compensation.
The zero for loop compensation is placed
at the first modulator pole of 4 kHz to pro-
vide a loop response of -20/dB/decade at
the crossover frequency. The compensa-
tion capacitor Cc can be calculated from
the crossover frequency pole1 and the RZ
value:
CC = 1/(2π• RZ •pole1) = 1/(2π•4K•4kHz)
= 10nF
From the Typical Performance Charac-
teristics load step curves, the 2.5V output
and 3.3V output are stable with RZ = 4KΩ
and CC = 10nF. For 1.8V to 0.85V output,
the values RZ = 2KΩ and CC = 10nF are
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16