công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP6260CEK-L/TR bảng dữ liệu(PDF) 10 Page - Sipex Corporation

tên linh kiện SP6260CEK-L/TR
Giải thích chi tiết về linh kiện  High Speed, Extremely Low Noise 150mA LDO Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6260CEK-L/TR bảng dữ liệu(HTML) 10 Page - Sipex Corporation

Back Button SP6260CEK-L/TR Datasheet HTML 6Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 7Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 8Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 9Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 10Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 11Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 12Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 13Page - Sipex Corporation SP6260CEK-L/TR Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
0
Apr5-07 RevD
SP6260 High Speed, Extremely Low Noise LDO Regulator
© 2007 Sipex Corporation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=4.3V
1mA IOUT 30mA
3.234
3.3
3.366
V
Input Voltage
VIN
6
V
Output Current
IOUT
VIN-VOUT=1V
150
mA
Load Regulation
VRLOAD
VIN=4.3V
1mA IOUT 80mA
12
40
mV
Line Regulation
VRLINE
3.8V VIN 6V
IOUT=30mA
4
16
mV
Dropout Voltage
VDROP
IOUT=10mA
20
40
mV
IOUT=100mA
150
300
IOUT=150mA
200
400
Quiescent Current
IQ
VIN=4.3V, IOUT 0mA
25
50
A
Standby Current
ISTD
VIN=4.3V
VCE in OFF mode
0.1
1
A
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p, f=10kHz
VIN=4.3V
70
dB
Output Voltage
Temperature Coefficient
VOUT/ T
IOUT=30mA
330
V/oC
( VOUT/VOUT)/ T
100
ppm/oC
Short Current Limit
ILIMIT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
TA=25oC
10Hz f 100kHz
30
Vrms
CE "High" Voltage
CE input voltage "High"
1.5
V
CE "Low" Voltage
CE input voltage "Low"
0.25
V
CE Pull-down Resistance
RPD
2.5
5
10
M
(VIN=4.3V, TJ=25oC, CIN=1 F, COUT=1 F, Bold typeface applies over -40oC TJ 85oC, unless otherwise specified.)
SP6260GEK (3.3V)
Electrical Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17