công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP3223EBEP bảng dữ liệu(PDF) 23 Page - Sipex Corporation

tên linh kiện SP3223EBEP
Giải thích chi tiết về linh kiện  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EBEP bảng dữ liệu(HTML) 23 Page - Sipex Corporation

Back Button SP3223EBEP Datasheet HTML 15Page - Sipex Corporation SP3223EBEP Datasheet HTML 16Page - Sipex Corporation SP3223EBEP Datasheet HTML 17Page - Sipex Corporation SP3223EBEP Datasheet HTML 18Page - Sipex Corporation SP3223EBEP Datasheet HTML 19Page - Sipex Corporation SP3223EBEP Datasheet HTML 20Page - Sipex Corporation SP3223EBEP Datasheet HTML 21Page - Sipex Corporation SP3223EBEP Datasheet HTML 22Page - Sipex Corporation SP3223EBEP Datasheet HTML 23Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
23
Date: 08/28/05
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the applica-
tion or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
23
Date: 08/25/05
SP3223 +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
orDerinG inForMATion
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Contact factory for availability of the following legacy part numbers. For long term availability
Sipex recommends upgrades as listed below. All upgrade part numbers shown are fully pinout
and function compatible with legacy part numbers. Upgrade part numbers may contain
feature and/or performance enhancements or other changes to datasheet parameters.
Legacy Part Number
Recommended Upgrade
SP3223BCA
SP3223EBCA
SP3223BCA/TR
SP3223EBCA/TR
SP3223BCA-L
SP3223EBCA-L
SP3223BCA-L/TR
SP3223EBCA-L/TR
SP3223BCP
SP3223EBCP
SP3223BCY
SP3223EBCY
SP3223BCY/TR
SP3223EBCY/TR
SP3223BCY-L
SP3223EBCY-L
SP3223BCY-L/TR
SP3223EBCY-L/TR
SP3223BEA
SP3223EBEA
SP3223BEA/TR
SP3223EBEA/TR
SP3223BEA-L
SP3223EBEA-L
SP3223BEA-L/TR
SP3223EBEA-L/TR
SP3223BEP
SP3223EBEP
SP3223BEY
SP3223EBEY
SP3223BEY/TR
SP3223EBEY/TR
SP3223BEY-L
SP3223EBEY-L
SP3223BEY-L/TR
SP3223EBEY-L/TR
SP3223CA
SP3223ECA
SP3223CA/TR
SP3223ECA/TR
SP3223CA-L
SP3223ECA-L
SP3223CA-L/TR
SP3223ECA-L/TR
SP3223CP
SP3223ECP
SP3223CY
SP3223ECY
SP3223CY/TR
SP3223ECY/TR
SP3223CY-L
SP3223ECY-L
SP3223CY-L/TR
SP3223ECY-L/TR
SP3223EA
SP3223EEA
SP3223EA/TR
SP3223EEA/TR
SP3223EA-L
SP3223EEA-L
SP3223EA-L/TR
SP3223EEA-L/TR
SP3223EHCA
SP3223EUCA
SP3223EHCA/TR
SP3223EUCA/TR
SP3223EHCA-L
SP3223EUCA-L
SP3223EHCA-L/TR
SP3223EUCA-L/TR
SP3223EHCP
SP3223EUCP
Legacy Part Number Recommended Upgrade
SP3223EHCY
SP3223EUCY
SP3223EHCY/TR
SP3223EUCY/TR
SP3223EHCY-L
SP3223EUCY-L
SP3223EHCY-L/TR
SP3223EUCY-L/TR
SP3223EP
SP3223EEP
SP3223EY
SP3223EEY
SP3223EY/TR
SP3223EEY/TR
SP3223EY-L
SP3223EEY-L
SP3223EY-L/TR
SP3223EEY-L/TR
SP3223HCA
SP3223EUCA
SP3223HCA/TR
SP3223EUCA/TR
SP3223HCA-L
SP3223EUCA-L
SP3223HCA-L/TR
SP3223EUCA-L/TR
SP3223HCP
SP3223EUCP
SP3223HCY
SP3223EUCY
SP3223HCY/TR
SP3223EUCY/TR
SP3223HCY-L
SP3223EUCY-L
SP3223HCY-L/TR
SP3223EUCY-L/TR
SP3223UCA
SP3223EUCA
SP3223UCA/TR
SP3223EUCA/TR
SP3223UCA-L
SP3223EUCA-L
SP3223UCA-L/TR
SP3223EUCA-L/TR
SP3223UCP
SP3223EUCP
SP3223UCY
SP3223EUCY
SP3223UCY/TR
SP3223EUCY/TR
SP3223UCY-L
SP3223EUCY-L
SP3223UCY-L/TR
SP3223EUCY-L/TR
SP3223UEA
SP3223EUEA
SP3223UEA/TR
SP3223EUEA/TR
SP3223UEA-L
SP3223EUEA-L
SP3223UEA-L/TR
SP3223EUEA-L/TR
SP3223UEP
SP3223EUEP
SP3223UEY
SP3223EUEY
SP3223UEY/TR
SP3223EUEY/TR
SP3223UEY-L
SP3223EUEY-L
SP3223UEY-L/TR
SP3223EUEY-L/TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com